Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
20
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
LE Operating Modes
The ACEX 1K LE can operate in the following four modes:
s
Normal mode
s
Arithmetic mode
s
Up/down counter mode
s
Clearable counter mode
Each of these modes uses LE resources differently. In each mode, seven
available inputs to the LE—the four data inputs from the LAB local
interconnect, the feedback from the programmable register, and the
carry-in and cascade-in from the previous LE—are directed to different
destinations to implement the desired logic function. Three inputs to the
LE provide clock, clear, and preset control for the register. The Altera
software, in conjunction with parameterized functions such as LPM and
DesignWare functions, automatically chooses the appropriate mode for
common functions such as counters, adders, and multipliers. If required,
the designer can also create special-purpose functions that use a specific
LE operating mode for optimal performance.
The architecture provides a synchronous clock enable to the register in all
four modes. The Altera software can set DATA1 to enable the register
synchronously, providing easy implementation of fully synchronous
designs.
Figure 11 shows the ACEX 1K LE operating modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com