Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 10Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
14
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Figure 7. ACEX 1K LAB
Notes:
(1)
EP1K10, EP1K30, and EP1K50 devices have 22 inputs to the LAB local interconnect channel from the row; EP1K100
devices have 26.
(2)
EP1K10, EP1K30, and EP1K50 devices have 30 LAB local interconnect channels; EP1K100 devices have 34.
2
8
Carry-In &
Cascade-In
LE1
LE8
LE2
LE3
LE4
LE5
LE6
LE7
Column
Interconnect
Row Interconnect
(1)
LAB Local
Interconnect (2)
Column-to-Row
Interconnect
Carry-Out &
Cascade-Out
16
24
LAB Control
Signals
See Figure 13
for details.
6
Dedicated Inputs &
Global Signals
16
6
8
4
4
4
4
4
4
4
4
4
4
2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com