Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 42Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 43Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 44Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 45Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 48Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 49Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 86 page
background image
46
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Table 19. ACEX 1K Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT
Supply voltage for internal logic
and input buffers
(3), (4)
2.375
(2.375)
2.625
(2.625)
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(3), (4)
3.00 (3.00)
3.60 (3.60)
V
Supply voltage for output buffers,
2.5-V operation
(3), (4)
2.375
(2.375)
2.625
(2.625)
V
VI
Input voltage
(2), (5)
–0.5
5.75
V
VO
Output voltage
0
VCCIO
V
TA
Ambient temperature
For commercial use
0
70
°
C
For industrial use
–40
85
°
C
TJ
Operating temperature
For commercial use
0
85
°
C
For industrial use
–40
100
°
C
tR
Input rise time
40
ns
tF
Input fall time
40
ns
Table 20. ACEX 1K Device DC Operating Conditions (Part 1 of 2)
Notes (6), (7)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
High-level input voltage
1.7,
0.5
× V
CCIO (8)
5.75
V
VIL
Low-level input voltage
–0.5
0.8,
0.3
× V
CCIO (8)
V
VOH
3.3-V high-level TTL output
voltage
IOH = –8 mA DC,
VCCIO = 3.00 V (9)
2.4
V
3.3-V high-level CMOS output
voltage
IOH = –0.1 mA DC,
VCCIO = 3.00 V (9)
VCCIO – 0.2
V
3.3-V high-level PCI output
voltage
IOH = –0.5 mA DC,
VCCIO = 3.00 to 3.60 V
(9)
0.9
׆V
CCIO
V
2.5-V high-level output voltage IOH = –0.1 mA DC,
VCCIO = 2.375 V (9)
2.1
V
IOH = –1 mA DC,
VCCIO = 2.375 V (9)
2.0
V
IOH = –2 mA DC,
VCCIO = 2.375 V (9)
1.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com