Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 78Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 79Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 80Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 81Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 82Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 83Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 84Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 85Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 86Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
Altera Corporation
83
ACEX 1K Programmable Logic Device Family Data Sheet
13
Figure 31. ACEX 1K ICCACTIVE vs. Operating Frequency
Configuration &
Operation
The ACEX 1K architecture supports several configuration schemes. This
section summarizes the device operating modes and available device
configuration schemes.
Operating Modes
The ACEX 1K architecture uses SRAM configuration elements that
require configuration data to be loaded every time the circuit powers up.
The process of physically loading the SRAM data into the device is called
configuration. Before configuration, as VCC rises, the device initiates a
Power-On Reset (POR). This POR event clears the device and prepares it
for configuration. The ACEX 1K POR time does not exceed 50
µs.
1
When configuring with a configuration device, refer to the
relevant configuration device data sheet for POR timing
information.
0
Frequency (MHz)
300
200
100
50
100
EP1K100
ICC Supply
Current (mA)
0
Frequency (MHz)
ICC Supply
Current (mA)
100
80
60
40
20
50
100
EP1K30
0
Frequency (MHz)
ICC Supply
Current (mA)
200
150
100
50
50
100
EP1K50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com