Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 36Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 37Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 38Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 39Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 40Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 41Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 86 page
background image
38
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Tables 11 and 12 summarize the ClockLock and ClockBoost parameters
for -1 and -2 speed-grade devices, respectively.
Table 11. ClockLock & ClockBoost Parameters for -1 Speed-Grade Devices
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tR
Input rise time
5
ns
tF
Input fall time
5ns
tINDUTY
Input duty cycle
40
60
%
fCLK1
Input clock frequency (ClockBoost clock
multiplication factor equals 1)
25
180
MHz
fCLK2
Input clock frequency (ClockBoost clock
multiplication factor equals 2)
16
90
MHz
fCLKDEV
Input deviation from user specification in the
Altera software (1)
25,000
(2)
PPM
tINCLKSTB Input clock stability (measured between
adjacent clocks)
100
ps
tLOCK
Time required for ClockLock or ClockBoost
to acquire lock (3)
10
µs
tJITTER
Jitter on ClockLock or ClockBoost-
generated clock (4)
tINCLKSTB <100
250 (4)
ps
tINCLKSTB < 50
200 (4)
ps
tOUTDUTY Duty cycle for ClockLock or ClockBoost-
generated clock
40
50
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com