Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 24Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 25Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 26Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 27Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 28Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 29Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
28
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
For improved routing, the row interconnect consists of a combination of
full-length and half-length channels. The full-length channels connect to
all LABs in a row; the half-length channels connect to the LABs in half of
the row. The EAB can be driven by the half-length channels in the left half
of the row and by the full-length channels. The EAB drives out to the full-
length channels. In addition to providing a predictable, row-wide
interconnect, this architecture provides increased routing resources. Two
neighboring LABs can be connected using a half-row channel, thereby
saving the other half of the channel for the other half of the row.
Table 6 summarizes the FastTrack Interconnect routing structure
resources available in each ACEX 1K device.
In addition to general-purpose I/O pins, ACEX 1K devices have six
dedicated input pins that provide low-skew signal distribution across the
device. These six inputs can be used for global clock, clear, preset, and
peripheral output-enable and clock-enable control signals. These signals
are available as control signals for all LABs and IOEs in the device. The
dedicated inputs can also be used as general-purpose data inputs because
they can feed the local interconnect of each LAB in the device.
Figure 14 shows the interconnection of adjacent LABs and EABs, with
row, column, and local interconnects, as well as the associated cascade
and carry chains. Each LAB is labeled according to its location: a letter
represents the row and a number represents the column. For example,
LAB B3 is in row B, column 3.
Table 6. ACEX 1K FastTrack Interconnect Resources
Device
Rows
Channels per
Row
Columns
Channels per
Column
EP1K10
3
144
24
24
EP1K30
6
216
36
24
EP1K50
10
216
36
24
EP1K100
12
312
52
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com