Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 78Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 79Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 80Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 81Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 82Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 83Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 84Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 85Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 86Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
82
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
The ICCACTIVE value can be calculated with the following equation:
ICCACTIVE = K × fMAX × N × togLC (µA)
Where:
fMAX
=
Maximum operating frequency in MHz
N
=
Total number of LEs used in the device
togLC
=
Average percent of LEs toggling at each clock
(typically 12.5%)
K
=
Constant
Table 58 provides the constant (K) values for ACEX 1K devices.
This supply power calculation provides an ICC estimate based on typical
conditions with no output load. The actual ICC should be verified during
operation because this measurement is sensitive to the actual pattern in
the device and the environmental operating conditions.
To better reflect actual designs, the power model (and the constant K in
the power calculation equations) for continuous interconnect ACEX 1K
devices assumes that LEs drive FastTrack Interconnect channels. In
contrast, the power model of segmented FPGAs assumes that all LEs
drive only one short interconnect segment. This assumption may lead to
inaccurate results when compared to measured power consumption for
actual designs in segmented FPGAs.
Figure 31 shows the relationship between the current and operating
frequency of ACEX 1K devices. For information on other ACEX 1K
devices, contact Altera Applications at (800) 800-EPLD.
Table 58. ACEX 1K Constant Values
Device
K Value
EP1K10
4.5
EP1K30
4.5
EP1K50
4.5
EP1K100
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com