Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 30Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 31Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 32Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 33Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 34Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 35Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 36Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 37Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
34
Altera Corporation
ACEX 1K Programmable Logic Device Family Data Sheet
Column-to-IOE Connections
When an IOE is used as an input, it can drive up to two separate column
channels. When an IOE is used as an output, the signal is driven by a
multiplexer that selects a signal from the column channels. Two IOEs
connect to each side of the column channels. Each IOE can be driven by
column channels via a multiplexer. The set of column channels is different
for each IOE (see Figure 17).
Figure 17. ACEX 1K Column-to-IOE Connections
Note (1)
Note:
(1)
The values for m and n are shown in Table 9.
Table 9 lists the ACEX 1K column-to-IOE interconnect resources.
Table 9. ACEX 1K Column-to-IOE Interconnect Resources
Device
Channels per Column (n)
Column Channels per Pin (m)
EP1K10
24
16
EP1K30
24
16
EP1K50
24
16
EP1K100
24
16
Each IOE is driven by
a m-to-1 multiplexer
Each IOE can drive two
column channels.
Column
Interconnect
n
n
m
m
n
IOE1
IOE1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com