Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
Altera Corporation
15
ACEX 1K Programmable Logic Device Family Data Sheet
13
Each LAB provides four control signals with programmable inversion
that can be used in all eight LEs. Two of these signals can be used as
clocks, the other two can be used for clear/preset control. The LAB clocks
can be driven by the dedicated clock input pins, global signals, I/O
signals, or internal signals via the LAB local interconnect. The LAB preset
and clear control signals can be driven by the global signals, I/O signals,
or internal signals via the LAB local interconnect. The global control
signals are typically used for global clock, clear, or preset signals because
they provide asynchronous control with very low skew across the device.
If logic is required on a control signal, it can be generated in one or more
LEs in any LAB and driven into the local interconnect of the target LAB.
In addition, the global control signals can be generated from LE outputs.
Logic Element
The LE, the smallest unit of logic in the ACEX 1K architecture, has a
compact size that provides efficient logic utilization. Each LE contains a
4-input LUT, which is a function generator that can quickly compute any
function of four variables. In addition, each LE contains a programmable
flipflop with a synchronous clock enable, a carry chain, and a cascade
chain. Each LE drives both the local and the FastTrack Interconnect
routing structure. Figure 8 shows the ACEX 1K LE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com