Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACEX1 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ACEX1
Description  Programmable Logic Device Family
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ACEX1 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ACEX1 Datasheet HTML 45Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 46Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 47Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 48Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 49Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 50Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 51Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 52Page - List of Unclassifed Manufacturers ACEX1 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
Altera Corporation
49
ACEX 1K Programmable Logic Device Family Data Sheet
13
Figure 22 shows the required relationship between VCCIO and VCCINT to
satisfy 3.3-V PCI compliance.
Figure 22. Relationship between VCCIO & VCCINT for 3.3-V PCI Compliance
Figure 23 shows the typical output drive characteristics of ACEX 1K
devices with 3.3-V and 2.5-V VCCIO. The output driver is compliant to the
3.3-V PCI Local Bus Specification, Revision 2.2 (when VCCIO pins are
connected to 3.3 V). ACEX 1K devices with a -1 speed grade also comply
with the drive strength requirements of the PCI Local Bus Specification,
Revision 2.2
(when VCCINT pins are powered with a minimum supply of
2.375 V, and VCCIO pins are connected to 3.3 V). Therefore, these devices
can be used in open 5.0-V PCI systems.
3.0
3.1
3.3
VCCIO
IO
3.6
2.3
2.5
2.7
VCCINT
II
(V)
(V)
PCI-Compliant Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com