Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 18 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 18 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 14Page - Microchip Technology LAN9220 Datasheet HTML 15Page - Microchip Technology LAN9220 Datasheet HTML 16Page - Microchip Technology LAN9220 Datasheet HTML 17Page - Microchip Technology LAN9220 Datasheet HTML 18Page - Microchip Technology LAN9220 Datasheet HTML 19Page - Microchip Technology LAN9220 Datasheet HTML 20Page - Microchip Technology LAN9220 Datasheet HTML 21Page - Microchip Technology LAN9220 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 142 page
background image
LAN9220
DS00002417A-page 18
 2006-2017 Microchip Technology Inc.
3.4
Filtering Modes
3.4.1
PERFECT FILTERING
This filtering mode passes only incoming frames whose destination address field exactly matches the value pro-
grammed into the MAC Address High register and the MAC address low register. The MAC address is formed by the
concatenation of the above two registers in the MAC CSR Function.
3.4.2
HASH ONLY FILTERING
This type of filtering checks for incoming Receive packets with either multicast or physical destination addresses, and
executes an imperfect address filtering against the hash table.
During imperfect hash filtering, the destination address in the incoming frame is passed through the CRC logic and the
upper six bits of the CRC register are used to index the contents of the hash table. The hash table is formed by merging
the register’s multicast hash table high and multicast hash table low in the MAC CSR Function to form a 64-bit hash
table. The most significant bit determines the register to be used (High/Low), while the other five bits determine the bit
within the register. A value of 00000 selects Bit 0 of the multicast hash table low register and a value of 11111 selects
Bit 31 of the multicast hash table high register.
3.4.2.1
Hash Perfect Filtering
In hash perfect filtering, if the received frame is a physical address, the LAN9220 Packet Filter block perfect-filters the
incoming frame’s destination field with the value programmed into the MAC Address High register and the MAC Address
Low register. If the incoming frame is a multicast frame, however, the LAN9220 packet filter function performs an imper-
fect address filtering against the hash table.
The imperfect filtering against the hash table is the same imperfect filtering process described in the “Hash Only Filter-
ing” section above.
3.4.2.2
Inverse Filtering
In inverse filtering, the Packet Filter Block accepts incoming frames with a destination address not matching the perfect
address (i.e., the value programmed into the MAC Address High register and the MAC Address Low register in the CRC
block and rejects frames with destination addresses matching the perfect address).
For all filtering modes, when the MCPAS bit is set, all multicast frames are accepted. When the PRMS bit is set, all
frames are accepted regardless of their destination address. This includes all broadcast frames as well.
3.5
Wake-up Frame Detection
Setting the Wake-Up Frame Enable bit (WUEN) in the “WUCSR—Wake-up Control and Status Register”, places the
LAN9220 MAC in the wake-up frame detection mode. In this mode, normal data reception is disabled, and detection
logic within the MAC examines receive data for the pre-programmed wake-up frame patterns. The LAN9220 can be pro-
grammed to notify the host of the wake-up frame detection with the assertion of the host interrupt (IRQ) or assertion of
the power management event signal (PME). Upon detection, the Wake-Up Frame Received bit (WUFR) in the WUCSR
is set. When the host clears the WUEN bit the LAN9220 will resume normal receive operation.
Before putting the MAC into the wake-up frame detection state, the host must provide the detection logic with a list of
sample frames and their corresponding byte masks. This information is written into the Wake-up Frame Filter register
(WUFF). Please refer to Section 5.4.11, "WUFF—Wake-up Frame Filter," on page 102 for additional information on this
register.
X
1
0
X
X
Promiscuous
1
0
0
0
X
Pass all multicast frames. Frames
with physical addresses are
perfect-filtered
1
0
0
1
1
Pass all multicast frames. Frames
with physical addresses are hash-
filtered
TABLE 3-1:
ADDRESS FILTERING MODES (CONTINUED)
MCPAS
PRMS
INVFILT
HO
HPFILT
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com