Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 75Page - Microchip Technology LAN9220 Datasheet HTML 76Page - Microchip Technology LAN9220 Datasheet HTML 77Page - Microchip Technology LAN9220 Datasheet HTML 78Page - Microchip Technology LAN9220 Datasheet HTML 79Page - Microchip Technology LAN9220 Datasheet HTML 80Page - Microchip Technology LAN9220 Datasheet HTML 81Page - Microchip Technology LAN9220 Datasheet HTML 82Page - Microchip Technology LAN9220 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 79
LAN9220
5.3.11
RX_FIFO_INF—RECEIVE FIFO INFORMATION REGISTER
This register contains the used space in the receive FIFOs of the LAN9220 Ethernet Controller.
5.3.12
TX_FIFO_INF—TRANSMIT FIFO INFORMATION REGISTER
This register contains the free space in the transmit data FIFO and the used space in the transmit status FIFO in the
LAN9220.
Offset:
7Ch
Size:
32 bits
Bits
Description
Type
Default
31-24
Reserved
RO
-
23-16
RX Status FIFO Used Space (RXSUSED). Indicates the amount of space
in DWORDs, used in the RX Status FIFO.
RO
00h
15-0
RX Data FIFO Used Space (RXDUSED).). Reads the amount of space in
bytes, used in the RX data FIFO. For each receive frame, this field is
incremented by the length of the receive data rounded up to the nearest
DWORD (if the payload does not end on a DWORD boundary).
RO
0000h
Offset:
80h
Size:
32 bits
Bits
Description
Type
Default
31-24
Reserved
RO
-
23-16
TX Status FIFO Used Space (TXSUSED). Indicates the amount of space
in DWORDS used in the TX Status FIFO.
RO
00h
15-0
TX Data FIFO Free Space (TDFREE). Reads the amount of space in bytes,
available in the TX data FIFO. The application should never write more data
than is available, as indicated by this value.
RO
1200h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com