Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 41 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 41 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 37Page - Microchip Technology LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology LAN9220 Datasheet HTML 41Page - Microchip Technology LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology LAN9220 Datasheet HTML 44Page - Microchip Technology LAN9220 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 41
LAN9220
the Burst length regardless of the actual packet length. When configured to do so, the LAN9220 will accept extra data
at the end of the packet and will remove the extra padding before transmitting the packet. The LAN9220 automatically
removes data up to the boundary specified in the Buffer End Alignment field specified in each TX command.
The host can instruct the LAN9220 to issue an interrupt when the buffer has been fully loaded into the TX FIFO con-
tained in the LAN9220 and transmitted. This feature is enabled through the TX command ‘Interrupt on Completion’ field.
Upon completion of transmission, irrespective of success or failure, the status of the transmission is written to the TX
status FIFO. TX status is available to the host and may be read using PIO operations. An interrupt can be optionally
enabled by the host to indicate the availability of a programmable number TX status DWORDS.
Before writing the TX command and payload data to the TX FIFO, the host must check the available TX FIFO space by
performing a PIO read of the TX_FIFO_INF register. The host must ensure that it does not overfill the TX FIFO or the
TX Error (TXE) flag will be asserted.
The host proceeds to write the TX command by first writing TX command ‘A’, then TX command ‘B’. After writing the
command, the host can then move the payload data into the TX FIFO. TX status DWORD’s are stored in the TX status
FIFO to be read by the host at a later time upon completion of the data transmission onto the wire.
FIGURE 3-19:
SIMPLIFIED HOST TX FLOW DIAGRAM
Idle
Check
available
FIFO
space
init
Write
TX
Command
Write
Buffer
Last Buffer in
Packet
Not Last Buffer
Write
Start
Padding
(optional)
Read TX
Status
(optional)
TX Status
Available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com