Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 59Page - Microchip Technology LAN9220 Datasheet HTML 60Page - Microchip Technology LAN9220 Datasheet HTML 61Page - Microchip Technology LAN9220 Datasheet HTML 62Page - Microchip Technology LAN9220 Datasheet HTML 63Page - Microchip Technology LAN9220 Datasheet HTML 64Page - Microchip Technology LAN9220 Datasheet HTML 65Page - Microchip Technology LAN9220 Datasheet HTML 66Page - Microchip Technology LAN9220 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 63
LAN9220
Writing register 4 bits [8:5] allows software control of the capabilities advertised by the PHY. Writing register 4 does not
automatically re-start auto-negotiation. Register 0, bit 9 must be set before the new abilities will be advertised. Auto-
negotiation can also be disabled via software by clearing register 0, bit 12.
The LAN9220 does not support “Next Page" capability.
4.7
Parallel Detection
If the LAN9220 is connected to a device lacking the ability to auto-negotiate (i.e. no FLPs are detected), it is able to
determine the speed of the link based on either 100M MLT-3 symbols or 10M Normal Link Pulses. In this case the link
is presumed to be half-duplex per the IEEE standard. This ability is known as “Parallel Detection. This feature ensures
inter operability with legacy link partners. If a link is formed via parallel detection, then bit 0 in register 6 is cleared to
indicate that the Link Partner is not capable of auto-negotiation. The Ethernet MAC has access to this information via
the management interface. If a fault occurs during parallel detection, bit 4 of register 6 is set.
Register 5 is used to store the Link Partner Ability information, which is coded in the received FLPs. If the Link Partner
is not auto-negotiation capable, then register 5 is updated after completion of parallel detection to reflect the speed capa-
bility of the Link Partner.
4.7.1
RE-STARTING AUTO-NEGOTIATION
Auto-negotiation can be re-started at any time by setting register 0, bit 9. Auto-negotiation will also re-start if the link is
broken at any time. A broken link is caused by signal loss. This may occur because of a cable break, or because of an
interruption in the signal transmitted by the Link Partner. Auto-negotiation resumes in an attempt to determine the new
link configuration.
If the management entity re-starts Auto-negotiation by writing to bit 9 of the control register, the LAN9220 will respond
by stopping all transmission/receiving operations. Once the break_link_timer is done, in the Auto-negotiation state-
machine (approximately 1200ms) the auto-negotiation will re-start. The Link Partner will have also dropped the link due
to lack of a received signal, so it too will resume auto-negotiation.
4.7.2
DISABLING AUTO-NEGOTIATION
Auto-negotiation can be disabled by setting register 0, bit 12 to zero. The device will then force its speed of operation
to reflect the information in register 0, bit 13 (speed) and register 0, bit 8 (duplex). The speed and duplex bits in register
0 should be ignored when auto-negotiation is enabled.
4.7.3
HALF VS. FULL-DUPLEX
Half-duplex operation relies on the CSMA/CD (Carrier Sense Multiple Access / Collision Detect) protocol to handle net-
work traffic and collisions. In this mode, the internal carrier sense signal, CRS, responds to both transmit and receive
activity. In this mode, If data is received while the PHY is transmitting, a collision results.
In full-duplex mode, the PHY is able to transmit and receive data simultaneously. In this mode, the internal CRS
responds only to receive activity. The CSMA/CD protocol does not apply and collision detection is disabled.
Table 4-2 describes the behavior of the internal CRS bit under all receive/transmit conditions. The internal CRS signal
is used to trigger bit 10 (No Carrier) of the TX Status word (See Section 3.12.4, "TX Status Format"). The CRS value,
and subsequently the No Carrier value, are invalid during any full-duplex transmission. Therefore, these signals cannot
be used as a verification method of transmitted packets when transmitting in 10/100 Mbps full-duplex modes.
TABLE 4-2:
CRS BEHAVIOR
Mode
Speed
Duplex
Activity
CRS Behavior
(Note 4-1)
Manual
10 Mbps
Half-Duplex
Transmitting
Active
Manual
10 Mbps
Half-Duplex
Receiving
Active
Manual
10 Mbps
Full-Duplex
Transmitting
Low
Manual
10 Mbps
Full-Duplex
Receiving
Active
Manual
100 Mbps
Half-Duplex
Transmitting
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com