Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 60Page - Microchip Technology LAN9220 Datasheet HTML 61Page - Microchip Technology LAN9220 Datasheet HTML 62Page - Microchip Technology LAN9220 Datasheet HTML 63Page - Microchip Technology LAN9220 Datasheet HTML 64Page - Microchip Technology LAN9220 Datasheet HTML 65Page - Microchip Technology LAN9220 Datasheet HTML 66Page - Microchip Technology LAN9220 Datasheet HTML 67Page - Microchip Technology LAN9220 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 142 page
background image
LAN9220
DS00002417A-page 64
 2006-2017 Microchip Technology Inc.
Note 4-1
The LAN9220 10/100 PHY internal CRS signal operates in two modes: Active and Low. When in
Active mode, the internal CRS will transition high and low upon line activity, where a high value
indicates a carrier has been detected. In Low mode, the internal CRS stays low and does not indicate
carrier detection. The internal CRS signal and No Carrier (bit 10 of the TX Status word) cannot be
used as a verification method of transmitted packets when transmitting in 10/100 Mbps full-duplex
mode.
4.8
HP Auto-MDIX
HP Auto-MDIX facilitates the use of CAT-3 (10 Base-T) or CAT-5 (100 Base-T) media UTP interconnect cable without
consideration of interface wiring scheme. If a user plugs in either a direct connect LAN cable, or a cross-over patch
cable, as shown in Figure 4-3, the Microchip LAN9220 Auto-MDIX PHY is capable of configuring the TPO and TPI
twisted pair pins for correct transceiver operation.
The internal logic of the device detects the TX and RX pins of the connecting device. Since the RX and TX line pairs
are interchangeable, special PCB design considerations are needed to accommodate the symmetrical magnetics and
termination of an Auto-MDIX design.
The Auto-MDIX function can be disabled through an internal register 27.15, or the external control pins AMDIX_EN.
When disabled the TX and RX pins can be configured with the Channel Select (CH_SELECT) pin as desired.
Manual
100 Mbps
Half-Duplex
Receiving
Active
Manual
100 Mbps
Full-Duplex
Transmitting
Low
Manual
100 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
10 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
10 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
10 Mbps
Full-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Transmitting
Active
Auto-Negotiation
100 Mbps
Half-Duplex
Receiving
Active
Auto-Negotiation
100 Mbps
Full-Duplex
Transmitting
Low
Auto-Negotiation
100 Mbps
Full-Duplex
Receiving
Active
TABLE 4-2:
CRS BEHAVIOR (CONTINUED)
Mode
Speed
Duplex
Activity
CRS Behavior
(Note 4-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com