Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 100 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 100 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 96Page - Microchip Technology LAN9220 Datasheet HTML 97Page - Microchip Technology LAN9220 Datasheet HTML 98Page - Microchip Technology LAN9220 Datasheet HTML 99Page - Microchip Technology LAN9220 Datasheet HTML 100Page - Microchip Technology LAN9220 Datasheet HTML 101Page - Microchip Technology LAN9220 Datasheet HTML 102Page - Microchip Technology LAN9220 Datasheet HTML 103Page - Microchip Technology LAN9220 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 142 page
background image
LAN9220
DS00002417A-page 100
 2006-2017 Microchip Technology Inc.
5.4.8
FLOW—FLOW CONTROL REGISTER
This register controls the generation and reception of the Control (Pause command) frames by the MAC’s flow control
block. The control frame fields are selected as specified in the 802.3x Specification and the Pause-Time value from this
register is used in the “Pause Time” field of the control frame. In full-duplex mode the FCBSY bit is set until the control
frame is transferred onto the cable. In half-duplex mode FCBSY is set while back pressure is being asserted. The host
has to make sure that the Busy bit is cleared before writing the register. The Pass Control Frame bit (FCPASS) does
not affect the sending of the frames, including Control Frames, to the Application Interface. The Flow Control Enable
(FCEN) bit enables the receive portion of the Flow Control block.
This register is used in conjunction with the AFC_CFG register in the Slave CSRs to configure flow control. Software
flow control is initiated using the AFC_CFG register.
Offset:
8
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Note:
The LAN9220 will not transmit pause frames or assert back pressure if the transmitter is disabled.
Bits
Description
31-16
Pause Time (FCPT). This field indicates the value to be used in the PAUSE TIME field in the control
frame. This field must be initialized before full-duplex automatic flow control is enabled.
15-3
Reserved
2
Pass Control Frames (FCPASS). When set, the MAC will pass the pause frame to the host. The
Application must accept or discard a received frame based on the Packet Filter control bit. The MAC
receives, decodes and performs the Pause function when a valid Pause frame is received in Full-
Duplex mode and when flow control is enabled (FCE bit set). When reset, the MAC resets the Packet
Filter bit in the Receive packet status.
The MAC always passes the data of all frames it receives (including Flow Control frames) to the
Application. Frames that do not pass Address filtering, as well as frames with errors, are passed to
the Application. The Application must discard or retain the received frame’s data based on the
received frame’s STATUS field. Filtering modes (Promiscuous mode, for example) take precedence
over the FCPASS bit.
1
Flow Control Enable (FCEN). When set, enables the MAC Flow Control function. The MAC decodes
all incoming frames for control frames; if it receives a valid control frame (PAUSE command), it
disables the transmitter for a specified time (Decoded pause time x slot time). When reset, the MAC
flow control function is disabled; the MAC does not decode frames for control frames.
Note:
Flow Control is applicable when the MAC is set in Full Duplex Mode. In Half-Duplex mode,
this bit enables the Backpressure function to control the flow of received frames to the MAC.
0
Flow Control Busy (FCBSY). This bit is set high whenever a pause frame or back pressure is being
transmitted. This bit should read logical 0 before writing to the Flow Control (FLOW) register. During
a transfer of Control Frame, this bit continues to be set, signifying that a frame transmission is in
progress. After the PAUSE control frame’s transmission is complete, the MAC resets to 0.
Note:
• When writing this register the FCBSY bit must always be zero.
• Applications must always write a zero to this bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com