Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 49 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 49 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 45Page - Microchip Technology LAN9220 Datasheet HTML 46Page - Microchip Technology LAN9220 Datasheet HTML 47Page - Microchip Technology LAN9220 Datasheet HTML 48Page - Microchip Technology LAN9220 Datasheet HTML 49Page - Microchip Technology LAN9220 Datasheet HTML 50Page - Microchip Technology LAN9220 Datasheet HTML 51Page - Microchip Technology LAN9220 Datasheet HTML 52Page - Microchip Technology LAN9220 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 49
LAN9220
3.12.6.3
TX Example 3
In this example a single, 111-Byte Ethernet packet will be transmitted with a TX checksum. This packet is divided into
four buffers. The four buffers are as follows:
Buffer 0:
• 4-Byte “Data Start Offset”
• 4-Byte Checksum Preamble
• 16-Byte “Buffer End Alignment”
Buffer 1:
• 7-Byte “Data Start Offset”
• 79-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 2:
• 0-Byte “Data Start Offset”
• 15-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Buffer 3:
• 10-Byte “Data Start Offset”
• 17-Bytes of payload data
• 16-Byte “Buffer End Alignment”
Figure 3-21, "TX Example 1" illustrates the TX command structure for this example, and also shows how data is passed
to the TX data FIFO.
Note:
In order to perform a TX checksum calculation on the associated packet, bit 14 (CK) of the TX Command
‘B’ must be set in conjunction with bit 13 (FS) of TX Command ‘A’ and bit 16 (TXCOE_EN) of the COE_CR
register. For more information, refer to Section 3.6.3, "Transmit Checksum Offload Engine (TXCOE)".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com