Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 14 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 14 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 10Page - Microchip Technology LAN9220 Datasheet HTML 11Page - Microchip Technology LAN9220 Datasheet HTML 12Page - Microchip Technology LAN9220 Datasheet HTML 13Page - Microchip Technology LAN9220 Datasheet HTML 14Page - Microchip Technology LAN9220 Datasheet HTML 15Page - Microchip Technology LAN9220 Datasheet HTML 16Page - Microchip Technology LAN9220 Datasheet HTML 17Page - Microchip Technology LAN9220 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 142 page
background image
LAN9220
DS00002417A-page 14
 2006-2017 Microchip Technology Inc.
2.2
External Pull-Up/Pull-Down Resistors
As detailed in Table 2-6, when using an external pull-up or pull-down resistor, the required value is dependent on the
operating voltage. Usage of recommended pull-up/pull-down resistor values is required to ensure proper operation.
2.3
Buffer Types
Note 2-1
Sink and source capabilities are dependent on the VDDVARIO voltage. Refer to Section 7.6, "DC
Electrical Specifications" for additional information.
Note 2-2
When operating at reduced VDDVARIO voltage levels (less than 3.0V), do not rely on internal pull-
up and pull-down resistors to determine signal state. Refer to Section 2.2, "External Pull-Up/Pull-
Down Resistors" and the individual signal descriptions in Section 2.1, "Pin List" for more information.
TABLE 2-6:
EXTERNAL PULL-UP/PULL-DOWN RESISTOR VALUES
I/O Voltage
Pull-Up/Pull-Down Resistor Value (Ohms)
3.3V +/- 300mV
10K
2.5 +/- 10%
7.5K
1.8V +/- 10%
4.7K
TABLE 2-7:
BUFFER TYPES
Type
Description
VIS
Variable voltage input pin
VO12
Variable voltage output with 12mA sink and 12mA source (Note 2-1)
VOD12
Variable voltage open-drain output with 12mA sink (Note 2-1)
VO8
Variable voltage output 8mA symmetrical drive (Note 2-1)
VOD8
Variable voltage open-drain output with 8 mA sink (Note 2-1)
PU
50uA (typical) internal pull-up (Note 2-2)
PD
50uA (typical) internal pull-down (Note 2-2)
AI
Analog input
AO
Analog output
AIO
Analog bi-directional
ICLK
Crystal oscillator input pin
OCLK
Crystal oscillator output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com