Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 18Page - Microchip Technology LAN9220 Datasheet HTML 19Page - Microchip Technology LAN9220 Datasheet HTML 20Page - Microchip Technology LAN9220 Datasheet HTML 21Page - Microchip Technology LAN9220 Datasheet HTML 22Page - Microchip Technology LAN9220 Datasheet HTML 23Page - Microchip Technology LAN9220 Datasheet HTML 24Page - Microchip Technology LAN9220 Datasheet HTML 25Page - Microchip Technology LAN9220 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 142 page
background image
LAN9220
DS00002417A-page 22
 2006-2017 Microchip Technology Inc.
In mode 1, the RXCOE supports VLAN tags and a SNAP header. In this mode the RXCOE calculates the checksum at
the start of L3 packet. The VLAN1 tag register is used by the RXCOE to indicate what protocol type is to be used to
indicate the existence of a VLAN tag. This value is typically 8100h.
Example frame configurations:
FIGURE 3-3:
TYPE II ETHERNET FRAME
FIGURE 3-4:
ETHERNET FRAME WITH VLAN TAG
FIGURE 3-5:
ETHERNET FRAME WITH LENGTH FIELD AND SNAP HEADER
DST
SRC
p
r
o
t
0
1
2
3
L3 Packet
F
C
S
Calculate Checksum
1DWORD
DST
SRC
8
1
0
0
V
I
D
0
1
2
3
t
y
p
e
4
L3 Packet
F
C
S
Calculate Checksum
1DWORD
DST
SRC
L3 Packet
F
C
S
S
N
A
P
0
S
N
A
P
1
L
e
n
0
1
2
{DSAP, SSAP, CTRL, OUI[23:16]}
{OUI[15:0], PID[15:0]}
3
4
5
Calculate Checksum
1DWORD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com