Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 91 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 91 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 87Page - Microchip Technology LAN9220 Datasheet HTML 88Page - Microchip Technology LAN9220 Datasheet HTML 89Page - Microchip Technology LAN9220 Datasheet HTML 90Page - Microchip Technology LAN9220 Datasheet HTML 91Page - Microchip Technology LAN9220 Datasheet HTML 92Page - Microchip Technology LAN9220 Datasheet HTML 93Page - Microchip Technology LAN9220 Datasheet HTML 94Page - Microchip Technology LAN9220 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 91
LAN9220
5.3.24
E2P_DATA – EEPROM DATA REGISTER
This register is used in conjunction with the E2P_CMD register to perform read and write operations with the Serial
EEPROM.
9
EPC Time-out. If an EEPROM operation is performed, and there is no
response from the EEPROM within 30mS, the EEPROM controller will time-
out and return to its idle state. This bit is set when a time-out occurs
indicating that the last operation was unsuccessful.
Note:
If the EEDIO signal pin is externally pulled-high, EPC commands
will not time out if the EEPROM device is missing. In this case the
EPC Busy bit will be cleared as soon as the command sequence
is complete. It should also be noted that the ERASE, ERAL,
WRITE and WRAL commands are the only EPC commands that
will time-out if an EEPROM device is not present -and- the EEDIO
signal is pulled low
R/WC
0
8
MAC Address Loaded. When set, this bit indicates that a valid EEPROM
was found, and that the MAC address programming has completed
normally. This bit is set after a successful load of the MAC address after
power-up, or after a RELOAD command has completed
R/WC
-
7-0
EPC Address. The 8-bit value in this field is used by the EEPROM
Controller to address the specific memory location in the Serial EEPROM.
This is a Byte aligned address.
R/W
00h
Offset:
B4h
Size:
32 bits
Bits
Description
Type
Default
31-8
Reserved
RO
-
7:0
EEPROM Data. Value read from or written to the EEPROM.
R/W
00h
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com