Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 72 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 72 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 68Page - Microchip Technology LAN9220 Datasheet HTML 69Page - Microchip Technology LAN9220 Datasheet HTML 70Page - Microchip Technology LAN9220 Datasheet HTML 71Page - Microchip Technology LAN9220 Datasheet HTML 72Page - Microchip Technology LAN9220 Datasheet HTML 73Page - Microchip Technology LAN9220 Datasheet HTML 74Page - Microchip Technology LAN9220 Datasheet HTML 75Page - Microchip Technology LAN9220 Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 142 page
background image
LAN9220
DS00002417A-page 72
 2006-2017 Microchip Technology Inc.
5.3.4
INT_EN—INTERRUPT ENABLE REGISTER
This register contains the interrupt masks for IRQ. Writing 1 to any of the bits enables the corresponding interrupt as a
source for IRQ. Bits in the INT_STS register will still reflect the status of the interrupt source regardless of whether the
source is enabled as an interrupt in this register.
Offset:
5Ch
Size:
32 bits
Bits
Description
Type
Default
31
Software Interrupt (SW_INT_EN)
R/W
0
30:26
Reserved
RO
-
25
TX Stopped Interrupt Enable (TXSTOP_INT_EN)
R/W
0
24
RX Stopped Interrupt Enable (RXSTOP_INT_EN)
R/W
0
23
RX Dropped Frame Counter Halfway Interrupt Enable (RXDFH_INT_EN).
R/W
0
22
Reserved
RO
0
21
TX IOC Interrupt Enable (TIOC_INT_EN)
R/W
0
20
RX DMA Interrupt (RXD_INT).
R/W
0
19
GP Timer (GPT_INT_EN)
R/W
0
18
PHY (PHY_INT_EN)
R/W
0
17
Power Management Event Interrupt Enable (PME_INT_EN)
R/W
0
16
TX Status FIFO Overflow (TXSO_EN)
R/W
0
15
Receive Watchdog Time-out Interrupt (RWT_INT_EN)
R/W
0
14
Receiver Error Interrupt (RXE_INT_EN)
R/W
0
13
Transmitter Error Interrupt (TXE_INT_EN)
R/W
0
12:11
Reserved
RO
-
10
TX Data FIFO Overrun Interrupt (TDFO_INT_EN)
R/W
0
9
TX Data FIFO Available Interrupt (TDFA_INT_EN)
R/W
0
8
TX Status FIFO Full Interrupt (TSFF_INT_EN)
R/W
0
7
TX Status FIFO Level Interrupt (TSFL_INT_EN)
R/W
0
6
RX Dropped Frame Interrupt Enable (RXDF_INT_EN)
R/W
0
5
Reserved
RO
-
4
RX Status FIFO Full Interrupt (RSFF_INT_EN)
R/W
0
3
RX Status FIFO Level Interrupt (RSFL_INT_EN)
R/W
0
2-0
GPIO [2:0] (GPIOx_INT_EN).
R/W
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com