Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 56 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 56 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 52Page - Microchip Technology LAN9220 Datasheet HTML 53Page - Microchip Technology LAN9220 Datasheet HTML 54Page - Microchip Technology LAN9220 Datasheet HTML 55Page - Microchip Technology LAN9220 Datasheet HTML 56Page - Microchip Technology LAN9220 Datasheet HTML 57Page - Microchip Technology LAN9220 Datasheet HTML 58Page - Microchip Technology LAN9220 Datasheet HTML 59Page - Microchip Technology LAN9220 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 142 page
background image
LAN9220
DS00002417A-page 56
 2006-2017 Microchip Technology Inc.
3.13.4
STOPPING AND STARTING THE RECEIVER
To stop the receiver, the host must clear the RXEN bit in the MAC Control Register. When the receiver is halted, the
RXSTOP_INT will be pulsed. Once stopped, the host can optionally clear the RX status and RX data FIFOs. The host
must re-enable the receiver by setting the RXEN bit.
3.13.5
RECEIVER ERRORS
If the Receiver Error (RXE) flag is asserted for any reason, the receiver will continue operation. RX Error (RXE) will be
asserted under the following conditions:
• A host underrun of RX data FIFO
• A host underrun of the RX status FIFO
• An overrun of the RX status FIFO
It is the duty of the host to identify and resolve any error conditions.
7
Frame Too Long. When set, this bit indicates that the frame length exceeds the maximum Ethernet
specification of 1518 bytes. This is only a frame too long indication and will not cause the frame
reception to be truncated.
6
Collision Seen. When set, this bit indicates that the frame has seen a collision after the collision
window. This indicates that a late collision has occurred.
5
Frame Type. When set, this bit indicates that the frame is an Ethernet-type frame (Length/Type field
in the frame is greater than 1500). When reset, it indicates the incoming frame was an 802.3 type
frame. This bit is not set for Runt frames less than 14 bytes.
4
Receive Watchdog time-out. When set, this bit indicates that the incoming frame is greater than
2048 bytes through 2560 bytes, therefore expiring the Receive Watchdog Timer.
3
MII Error. When set, this bit indicates that a receive error (RX_ER asserted) was detected during
frame reception.
2
Dribbling Bit. When set, this bit indicates that the frame contained a non-integer multiple of 8 bits.
This error is reported only if the number of dribbling bits in the last byte is 4 in the MII operating mode,
or at least 3 in the 10 Mbps operating mode. This bit will not be set when the collision seen bit[6] is
set. If set and the CRC error bit[1] is cleared, then the packet is considered to be valid.
1
CRC Error. When set, this bit indicates that a CRC error was detected. This bit is also set when the
RX_ER pin is asserted during the reception of a frame even though the CRC may be correct. This bit
is not valid if the received frame is a Runt frame, or a late collision was detected or when the
Watchdog Time-out occurs.
0
Reserved. These bits are reserved. Reads 0
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com