Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 59 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 59 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 55Page - Microchip Technology LAN9220 Datasheet HTML 56Page - Microchip Technology LAN9220 Datasheet HTML 57Page - Microchip Technology LAN9220 Datasheet HTML 58Page - Microchip Technology LAN9220 Datasheet HTML 59Page - Microchip Technology LAN9220 Datasheet HTML 60Page - Microchip Technology LAN9220 Datasheet HTML 61Page - Microchip Technology LAN9220 Datasheet HTML 62Page - Microchip Technology LAN9220 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 59
LAN9220
4.2.2
SCRAMBLING
Repeated data patterns (especially the IDLE code-group) can have power spectral densities with large narrow-band
peaks. Scrambling the data helps eliminate these peaks and spread the signal power more uniformly over the entire
channel bandwidth. This uniform spectral density is required by FCC regulations to prevent excessive EMI from being
radiated by the physical wiring.
The scrambler also performs the Parallel In Serial Out conversion (PISO) of the data.
4.2.3
NRZI AND MLT3 ENCODING
The scrambler block passes the 5-bit wide parallel data to the NRZI converter where it becomes a serial 125MHz NRZI
data stream. The NRZI is encoded to MLT-3. MLT3 is a tri-level code where a change in the logic level represents a code
bit “1” and the logic output remaining at the same level represents a code bit “0”.
4.2.4
100M TRANSMIT DRIVER
The MLT3 data is then passed to the analog transmitter, which launches the differential MLT-3 signal, on outputs TXP
and TXN, to the twisted pair media via a 1:1 ratio isolation transformer. The 10Base-T and 100Base-TX signals pass
through the same transformer so that common “magnetics” can be used for both. The transmitter drives into the 100
impedance of the CAT-5 cable. Cable termination and impedance matching require external components.
4.2.5
100M PHASE LOCK LOOP (PLL)
The 100M PLL locks onto reference clock and generates the 125MHz clock used to drive the 125 MHz logic and the
100Base-Tx Transmitter.
FIGURE 4-2:
RECEIVE DATA PATH
MAC
A/D
Converter
MLT-3
Converter
NRZI
Converter
4B/5B
Decoder
Magnetics
CAT-5
RJ45
100M
PLL
Internal
MII 25MHz by 4 bits
RX_CLK
25MHz by
5 bits
NRZI
MLT-3
MLT-3
MLT-3
6 bit Data
Descrambler
and SIPO
125 Mbps Serial
DSP: Timing
recovery, Equalizer
and BLW Correction
MLT-3
MII
25MHz
by 4 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com