Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 85 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 85 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 81Page - Microchip Technology LAN9220 Datasheet HTML 82Page - Microchip Technology LAN9220 Datasheet HTML 83Page - Microchip Technology LAN9220 Datasheet HTML 84Page - Microchip Technology LAN9220 Datasheet HTML 85Page - Microchip Technology LAN9220 Datasheet HTML 86Page - Microchip Technology LAN9220 Datasheet HTML 87Page - Microchip Technology LAN9220 Datasheet HTML 88Page - Microchip Technology LAN9220 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 85
LAN9220
5.3.18
FREE_RUN—FREE-RUN 25MHZ COUNTER
This register reflects the value of the free-running 25MHz counter.
5.3.19
RX_DROP– RECEIVER DROPPED FRAMES COUNTER
This register indicates the number of receive frames that have been dropped.
Offset:
9Ch
Size:
32 bits
Bits
Description
Type
Default
31:0
Free Running SCLK Counter (FR_CNT):
Note:
This field reflects the value of a free-running 32-bit counter. At
reset the counter starts at zero and is incremented for every
25MHz cycle. When the maximum count has been reached the
counter will rollover. Since the bus interface is 16-bits wide, and
this is a 32-bit counter, the count value is latched on the first read.
The FREE_RUN counter can take up to 160nS to clear after a
reset event.
Note:
This counter will run regardless of the power management states
D0, D1 or D2.
RO
-
Offset:
A0h
Size:
32 bits
Bits
Description
Type
Default
31-0
RX Dropped Frame Counter (RX_DFC). This counter is incremented every
time a receive frame is dropped. RX_DFC is cleared on any read of this
register.
An interrupt can be issued when this counter passes through its halfway
point (7FFFFFFFh to 80000000h).
RC
00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com