Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 73 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 73 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 69Page - Microchip Technology LAN9220 Datasheet HTML 70Page - Microchip Technology LAN9220 Datasheet HTML 71Page - Microchip Technology LAN9220 Datasheet HTML 72Page - Microchip Technology LAN9220 Datasheet HTML 73Page - Microchip Technology LAN9220 Datasheet HTML 74Page - Microchip Technology LAN9220 Datasheet HTML 75Page - Microchip Technology LAN9220 Datasheet HTML 76Page - Microchip Technology LAN9220 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 73
LAN9220
5.3.5
BYTE_TEST—BYTE ORDER TEST REGISTER
This register can be used to determine the byte ordering of the current configuration
5.3.6
FIFO_INT—FIFO LEVEL INTERRUPTS
This register configures the limits where the FIFO Controllers will generate system interrupts.
Offset:
64h
Size:
32 bits
Bits
Description
Type
Default
31:0
Byte Test
RO
87654321h
Offset:
68h
Size:
32 bits
Bits
Description
Type
Default
31-24
TX Data Available Level. The value in this field sets the level, in number
of 64 Byte blocks, at which the TX FIFO Available interrupt (TFDA) will be
generated. When the TX data FIFO free space is greater than this value a
TX FIFO Available interrupt (TDFA) will be generated.
R/W
48h
23-16
TX Status Level. The value in this field sets the level, in number of
DWORDs, at which the TX Status FIFO Level interrupt (TSFL) will be
generated. When the TX Status FIFO used space is greater than this value
an TX Status FIFO Level interrupt (TSFL) will be generated.
R/W
00h
15-8
Reserved
RO
-
7-0
RX Status Level. The value in this field sets the level, in number of
DWORDs, at which the RX Status FIFO Level interrupt (RSFL) will be
generated. When the RX Status FIFO used space is greater than this value
an RX Status FIFO Level interrupt (RSFL) will be generated.
R/W
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com