Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 83Page - Microchip Technology LAN9220 Datasheet HTML 84Page - Microchip Technology LAN9220 Datasheet HTML 85Page - Microchip Technology LAN9220 Datasheet HTML 86Page - Microchip Technology LAN9220 Datasheet HTML 87Page - Microchip Technology LAN9220 Datasheet HTML 88Page - Microchip Technology LAN9220 Datasheet HTML 89Page - Microchip Technology LAN9220 Datasheet HTML 90Page - Microchip Technology LAN9220 Datasheet HTML 91Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 87
LAN9220
5.3.22
AFC_CFG – AUTOMATIC FLOW CONTROL CONFIGURATION REGISTER
This register configures the mechanism that controls both the automatic, and software-initiated transmission of pause
frames and back pressure.
Offset:
ACh
Size:
32 bits
Note:
The LAN9220 will not transmit pause frames or assert back pressure if the transmitter is disabled.
Bits
Description
Type
Default
31:24
Reserved
RO
-
23:16
Automatic Flow Control High Level (AFC_HI). Specifies, in multiples of
64 bytes, the level at which flow control will trigger. When this limit is
reached the chip will apply back pressure or will transmit a pause frame as
programmed in bits [3:0] of this register.
During full-duplex operation only a single pause frame is transmitted when
this level is reached. The pause time transmitted in this frame is
programmed in the FCPT field of the FLOW register in the MAC CSR space.
During half-duplex operation each incoming frame that matches the criteria
in bits [3:0] of this register will be jammed for the period set in the
BACK_DUR field.
R/W
00h
15:8
Automatic Flow Control Low Level (AFC_LO). Specifies, in multiples of
64 bytes, the level at which a pause frame is transmitted with a pause time
setting of zero. When the amount of data in the RX data FIFO falls below
this level the pause frame is transmitted. A pause time value of zero
instructs the other transmitting device to immediately resume transmission.
The zero time pause frame will only be transmitted if the RX data FIFO had
reached the AFC_HI level and a pause frame was sent. A zero pause time
frame is sent whenever automatic flow control in enabled in bits [3:0] of this
register.
Note:
When automatic flow control is enabled the AFC_LO setting must
always be less than the AFC_HI setting.
R/W
00h
7:4
Backpressure Duration (BACK_DUR). When the LAN9220 automatically
asserts back pressure, it will be asserted for this period of time. This field
has no function and is not used in full-duplex mode. Please refer to Table 5-
5, describing Backpressure Duration bit mapping for more information.
R/W
0h
3
Flow Control on Multicast Frame (FCMULT). When this bit is set, the
LAN9220 will assert back pressure when the AFC level is reached and a
multicast frame is received. This field has no function in full-duplex mode.
R/W
0
2
Flow Control on Broadcast Frame (FCBRD). When this bit is set, the
LAN9220 will assert back pressure when the AFC level is reached and a
broadcast frame is received. This field has no function in full-duplex mode.
R/W
0
1
Flow Control on Address Decode (FCADD). When this bit is set, the
LAN9220 will assert back pressure when the AFC level is reached and a
frame addressed to the LAN9220 is received. This field has no function in
full-duplex mode.
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com