Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 71 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 71 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 67Page - Microchip Technology LAN9220 Datasheet HTML 68Page - Microchip Technology LAN9220 Datasheet HTML 69Page - Microchip Technology LAN9220 Datasheet HTML 70Page - Microchip Technology LAN9220 Datasheet HTML 71Page - Microchip Technology LAN9220 Datasheet HTML 72Page - Microchip Technology LAN9220 Datasheet HTML 73Page - Microchip Technology LAN9220 Datasheet HTML 74Page - Microchip Technology LAN9220 Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 71
LAN9220
17
Power Management Event Interrupt (PME_INT). This interrupt is issued
when a Power Management Event is detected as configured in the
PMT_CTRL register. This interrupt functions independent of the PME
signal, and will still function if the PME signal is disabled. Writing a '1'
clears this bit regardless of the state of the PME hardware signal.
Note:
• Detection of a Power Management Event, and assertion of the PME
signal will not wakeup the LAN9220. The LAN9220 will only wake up
when it detects a host write cycle of any data to the BYTE_TEST reg-
ister.
• The Interrupt Deassertion interval does not apply to the PME interrupt.
R/WC
0
16
TX Status FIFO Overflow (TXSO). Generated when the TX Status
FIFO overflows.
R/WC
0
15
Receive Watchdog Time-out (RWT). Interrupt is generated when a
packet larger than 2048 bytes has been received.
R/WC
0
14
Receiver Error (RXE). Indicates that the receiver has encountered an
error. Please refer to Section 3.13.5, "Receiver Errors," on page 56 for a
description of the conditions that will cause an RXE.
R/WC
0
13
Transmitter Error (TXE). When generated, indicates that the
transmitter has encountered an error. Please refer to Section 3.12.7,
"Transmitter Errors," on page 51, for a description of the conditions that
will cause a TXE.
R/WC
0
12:11
Reserved
RO
-
10
TX Data FIFO Overrun Interrupt (TDFO). Generated when the TX data
FIFO is full, and another write is attempted.
R/WC
0
9
TX Data FIFO Available Interrupt (TDFA). Generated when the TX data
FIFO available space is greater than the programmed level.
R/WC
0
8
TX Status FIFO Full Interrupt (TSFF). Generated when the TX Status
FIFO is full.
R/WC
0
7
TX Status FIFO Level Interrupt (TSFL). Generated when the TX Status
FIFO reaches the programmed level.
R/WC
0
6
RX Dropped Frame Interrupt (RXDF_INT). This interrupt is issued
whenever a receive frame is dropped.
R/WC
0
5
Reserved
RO
-
4
RX Status FIFO Full Interrupt (RSFF). Generated when the RX Status
FIFO is full.
R/WC
0
3
RX Status FIFO Level Interrupt (RSFL). Generated when the RX Status
FIFO reaches the programmed level.
R/WC
0
2-0
GPIO [2:0] (GPIOx_INT). Interrupts are generated from the GPIO’s.
These interrupts are configured through the GPIO_CFG register.
R/WC
000
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com