Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 35Page - Microchip Technology LAN9220 Datasheet HTML 36Page - Microchip Technology LAN9220 Datasheet HTML 37Page - Microchip Technology LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology LAN9220 Datasheet HTML 41Page - Microchip Technology LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 39
LAN9220
3.11
Detailed Reset Description
The LAN9220 has four reset sources:
• Hardware Reset Input Pin (nRESET)
• Soft Reset (SRST)
• PHY Soft Reset via PMT_CTRL bit 10 (PHY_RST)
• PHY Soft Reset via PHY Basic Control Register (PHY REG 0.15)
Table 3-11 shows the effect of the various reset sources on the LAN9220's circuitry.
Note 3-11
After any PHY reset, the application should wait until the "Link Status" bit in the PHY's "Basic Status
Register" (PHY Reg. 1.2) is set before attempting to transmit data, otherwise data written to the TX
FIFO will only be sent when the Link Status returns to "Up".
Note 3-12
After a power-up, nRESET or SRST, the LAN9220 will automatically check for the presence of an
external EEPROM. After any of these resets the application must verify that the EPC Busy Bit
(E2P_CMD, bit 31) is cleared before attempting to access the EEPROM, or change the function of
the GPO/GPIO signals, or before modifying the ADDRH or ADDRL registers in the MAC.
Note 3-13
HBI - “Host Bus Interface”, NASR - Not affected by software reset.
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) after an internal
reset (22ms). If the software driver polls this bit and it is not set within 100ms, then an error
condition occurred.
3.11.1
HARDWARE RESET INPUT (NRESET)
A hardware reset will occur when the nRESET input signal is driven low. The READY bit in the PMT_CTRL register can
be read from the host interface, and will read back a ‘0’ until the hardware reset is complete. Upon completion of the
hardware reset, the READY bit in PMT_CTRL is set high.
After the “READY” bit is set, the LAN9220 can be configured via its control registers. The nRESET signal is pulled-high
internally by the LAN9220 and can be left unconnected if unused. If used, nRESET must be driven low for a minimum
period as defined in Section 6.10, "Reset Timing," on page 124. If nRESET is unused, the device must be reset following
power-up via a soft reset (SRST).
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) immediately. If
the software driver polls this bit and it is not set within 100ms, then an error condition
occurred.
Note:
For proper operation, the LAN9220 must be reset on power-up via the hardware reset input (nRESET) or
soft reset (SRST). To accomplish this, nRESET should be asserted for the minimum period of 30ms at
power-up. Alternatively, a soft reset may be performed following power-up by setting the SRST bit of the
HW_CFG register once the READY bit in the PMT_CTRL register has been set. Refer to Section 3.11.1,
"Hardware Reset Input (nRESET)" and Section 3.11.3, "Soft Reset (SRST)" for additional information.
TABLE 3-11:
RESET SOURCES AND AFFECTED CIRCUITRY
Reset Source
PLL
HBI
Note
3-
13
NASR
Registers
Note 3-13
MIL
MAC
PHY
Note 3-11
EEPROM MAC
ADDR. Reload
Note 3-12
Config.
Straps
Latched
nRESET
XX
X
X
X
X
X
X
SRST
XX
X
X
PHY_RST
X
PHY REG 0.15
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com