Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 80 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 80 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 76Page - Microchip Technology LAN9220 Datasheet HTML 77Page - Microchip Technology LAN9220 Datasheet HTML 78Page - Microchip Technology LAN9220 Datasheet HTML 79Page - Microchip Technology LAN9220 Datasheet HTML 80Page - Microchip Technology LAN9220 Datasheet HTML 81Page - Microchip Technology LAN9220 Datasheet HTML 82Page - Microchip Technology LAN9220 Datasheet HTML 83Page - Microchip Technology LAN9220 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 142 page
background image
LAN9220
DS00002417A-page 80
 2006-2017 Microchip Technology Inc.
5.3.13
PMT_CTRL— POWER MANAGEMENT CONTROL REGISTER
This register controls the Power Management features. This register can be read while the LAN9220 is in a power sav-
ing mode.
Offset:
84h
Size:
32 bits
Note:
The LAN9220 must always be read at least once after power-up, reset, or upon return from a power-saving
state or write operations will not function.
Bits
Description
Type
Default
31:14
RESERVED
RO
-
13-12
Power Management Mode (PM_MODE)
– These bits set the LAN9220 into
the appropriate Power Management mode. Special care must be taken when
modifying these bits.
Encoding:
00b – D0 (normal operation)
01b – D1 (wake-up frame and magic packet detection are enabled)
10b – D2 (can perform energy detect)
11b – RESERVED - Do not set in this mode
Note:
When the LAN9220 is in any of the reduced power modes, a write
of any data to the BYTE_TEST register will wake-up the device.
DO NOT PERFORM WRITES TO OTHER ADDRRESSES while
the READY bit in this register is cleared.
SC
00b
11
RESERVED
RO
-
10
PHY Reset (PHY_RST) – Writing a ‘1’ to this bit resets the PHY. The internal
logic automatically holds the PHY reset for a minimum of 100us. When the
PHY is released from reset, this bit is automatically cleared. All writes to this
bit are ignored while this bit is high.
SC
0b
9
Wake-On-Lan Enable (WOL_EN) – When set, the PME signal (if enabled
with PME_EN) will be asserted in accordance with the PME_IND bit upon a
WOL event. When set, the PME_INT will also be asserted upon a WOL
event, regardless of the setting of the PME_EN bit.
R/W
0b
8
Energy-Detect Enable (ED_EN) - When set, the PME signal (if enabled with
PME_EN) will be asserted in accordance with the PME_IND bit upon an
Energy-Detect event. When set, the PME_INT will also be asserted upon an
Energy Detect event, regardless of the setting of the PME_EN bit.
R/W
0b
7
RESERVED
RO
-
6
PME Buffer Type (PME_TYPE) – When cleared, enables PME to function
as an open-drain buffer for use in a Wired-Or configuration. When set, the
PME output is a Push-Pull driver. When configured as an open-drain output
the PME_POL field is ignored, and the output is always active low.
R/W
NASR
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com