Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 43 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 43 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology LAN9220 Datasheet HTML 41Page - Microchip Technology LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology LAN9220 Datasheet HTML 44Page - Microchip Technology LAN9220 Datasheet HTML 45Page - Microchip Technology LAN9220 Datasheet HTML 46Page - Microchip Technology LAN9220 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 43
LAN9220
3.12.2.1
TX Command ‘A’
TABLE 3-12:
TX COMMAND 'A' FORMAT
Bits
Description
31
Interrupt on Completion. When set, the TXDONE flag will be asserted when the current buffer has
been fully loaded into the TX FIFO. This flag may be optionally mapped to a host interrupt.
30:26
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility.
25:24
Buffer End Alignment. This field specifies the alignment that must be maintained on the last data
transfer of a buffer. The host will add extra DWORDs of data up to the alignment specified in the
table below. The LAN9220 will remove the extra DWORDs. This mechanism can be used to maintain
cache line alignment on host processors.
23:21
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility
20:16
Data Start Offset (bytes). This field specifies the offset of the first byte of TX data. The offset value
can be anywhere from 0 bytes to 31 a Byte offset.
15:14
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility
13
First Segment (FS). When set, this bit indicates that the associated buffer is the first segment of the
packet.
12
Last Segment. When set, this bit indicates that the associated buffer is the last segment of the
packet
11
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility.
10:0
Buffer Size (bytes). This field indicates the number of bytes contained in the buffer following this
command. This value, along with the Buffer End Alignment field, is read and checked by the
LAN9220 and used to determine how many extra DWORD’s were added to the end of the Buffer. A
running count is also maintained in the LAN9220 of the cumulative buffer sizes for a given packet.
This cumulative value is compared against the Packet Length field in the TX command ‘B’ word and
if they do not correlate, the TXE flag is set.
Note:
The buffer size specified does not include the buffer end alignment padding or data start
offset added to a buffer.
[25]
[24]
End Alignment
0
0
4-byte alignment
0
1
16-byte alignment
1
0
32-byte alignment
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com