Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 42 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 42 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology LAN9220 Datasheet HTML 41Page - Microchip Technology LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology LAN9220 Datasheet HTML 44Page - Microchip Technology LAN9220 Datasheet HTML 45Page - Microchip Technology LAN9220 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 142 page
background image
LAN9220
DS00002417A-page 42
 2006-2017 Microchip Technology Inc.
3.12.1
TX BUFFER FORMAT
TX buffers exist in the host’s memory in a given format. The host writes a TX command word into the TX data buffer
before moving the Ethernet packet data. The TX command A and command B are 32-bit values that are used by the
LAN9220 in the handling and processing of the associated Ethernet packet data buffer. Buffer alignment, segmentation
and other packet processing parameters are included in the command structure. The following diagram illustrates the
buffer format.
Figure 3-20, "TX Buffer Format", shows the TX Buffer as it is written into the LAN9220. It should be noted that not all of
the data shown in this diagram is actually stored in the TX data FIFO. This must be taken into account when calculating
the actual TX data FIFO usage. Please refer to Section 3.12.5, "Calculating Actual TX Data FIFO Usage," on page 46
for a detailed explanation on calculating the actual TX data FIFO usage.
3.12.2
TX COMMAND FORMAT
The TX command instructs the TX FIFO controller on handling the subsequent buffer. The command precedes the data
to be transmitted. The TX command is divided into two, 32-bit words; TX command ‘A’ and TX command ‘B’.
There is a 16-bit packet tag in the TX command ‘B’ command word. Packet tags may, if host software desires, be unique
for each packet (i.e., an incrementing count). The value of the tag will be returned in the RX status word for the associ-
ated packet. The Packet tag can be used by host software to uniquely identify each status word as it is returned to the
host.
Both TX command ‘A’ and TX command ‘B’ are required for each buffer in a given packet. TX command ‘B’ must be
identical for every buffer in a given packet. If the TX command ‘B’ words do not match, the Ethernet controller will assert
the Transmitter Error (TXE) flag.
FIGURE 3-20:
TX BUFFER FORMAT
TX Command 'A'
Offset + Data DWORD0
.
.
.
.
.
Last Data & PAD
0
31
1st
2nd
3rd
Last
Host Write
Order
Optional Pad DWORD0
.
.
.
Optional Pad DWORDn
TX Command 'B'
Optional offset DWORD0
.
.
.
Optional offset DWORDn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com