Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 90 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 90 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 86Page - Microchip Technology LAN9220 Datasheet HTML 87Page - Microchip Technology LAN9220 Datasheet HTML 88Page - Microchip Technology LAN9220 Datasheet HTML 89Page - Microchip Technology LAN9220 Datasheet HTML 90Page - Microchip Technology LAN9220 Datasheet HTML 91Page - Microchip Technology LAN9220 Datasheet HTML 92Page - Microchip Technology LAN9220 Datasheet HTML 93Page - Microchip Technology LAN9220 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 142 page
background image
LAN9220
DS00002417A-page 90
 2006-2017 Microchip Technology Inc.
30-28
EPC command. This field is used to issue commands to the EEPROM
controller. The EPC will execute commands when the EPC Busy bit is set.
A new command must not be issued until the previous command completes.
This field is encoded as follows:
READ (Read Location): This command will cause a read of the EEPROM
location pointed to by EPC Address. The result of the read is available in
the E2P_DATA register.
EWDS (Erase/Write Disable): After issued, the EEPROM will ignore erase
and write commands. To re-enable erase/write operations issue the EWEN
command.
EWEN (Erase/Write Enable): Enables the EEPROM for erase and write
operations. The EEPROM will allow erase and write operations until the
Erase/Write Disable command is sent, or until power is cycled.
Note:
The EEPROM device will power-up in the erase/write-disabled
state. Any erase or write operations will fail until an Erase/Write
Enable command is issued.
WRITE (Write Location): If erase/write operations are enabled in the
EEPROM, this command will cause the contents of the E2P_DATA register
to be written to the EEPROM location selected by the EPC Address field.
WRAL (Write All): If erase/write operations are enabled in the EEPROM,
this command will cause the contents of the E2P_DATA register to be
written to every EEPROM memory location.
ERASE (Erase Location): If erase/write operations are enabled in the
EEPROM, this command will erase the location selected by the EPC
Address field.
ERAL (Erase All): If erase/write operations are enabled in the EEPROM,
this command will initiate a bulk erase of the entire EEPROM.
RELOAD (MAC Address Reload): Instructs the EEPROM controller to
reload the MAC address from the EEPROM. If a value of 0xA5 is not found
in the first address of the EEPROM, the EEPROM is assumed to be un-
programmed and MAC Address Reload operation will fail. The “MAC
Address Loaded” bit indicates a successful load of the MAC address.
R/W
0
27-10
Reserved.
RO
-
Bits
Description
Type
Default
[30]
[29]
[28]
OPERATION
0
0
0
READ
001
EWDS
0
1
0
EWEN
011
WRITE
100
WRAL
1
0
1
ERASE
1
1
0
ERAL
111
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com