Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 81 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 81 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 77Page - Microchip Technology LAN9220 Datasheet HTML 78Page - Microchip Technology LAN9220 Datasheet HTML 79Page - Microchip Technology LAN9220 Datasheet HTML 80Page - Microchip Technology LAN9220 Datasheet HTML 81Page - Microchip Technology LAN9220 Datasheet HTML 82Page - Microchip Technology LAN9220 Datasheet HTML 83Page - Microchip Technology LAN9220 Datasheet HTML 84Page - Microchip Technology LAN9220 Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 81
LAN9220
5-4
WAKE-UP Status (WUPS) – This field indicates the cause of a wake-up
event detection as follows
00b -- No wake-up event detected
01b -- Energy detected
10b -- Wake-up frame or magic packet detected
11b -- Indicates multiple events occurred
WUPS bits are cleared by writing a ‘1’ to the appropriate bit. The device must
return to the D0 state (READY bit set) before these bits can be cleared.
Note:
In order to clear this bit, it is required that all event sources be
cleared as well. The event sources are described in FIGURE 3-18:
PME and PME_INT Signal Generation on page 38.
R/WC
00
3
PME indication (PME_IND). The PME signal can be configured as a pulsed
output or a static signal, which is asserted upon detection of a wake-up
event.
When set, the PME signal will pulse active for 50mS upon detection of a
wake-up event.
When clear, the PME signal is driven continuously upon detection of a wake-
up event.
The PME signal can be deactivated by clearing the WUPS bits, or by
clearing the appropriate enable (refer to Section 3.10.2.3, "Power
Management Event Indicators," on page 37).
R/W
0b
2
PME Polarity (PME_POL). This bit controls the polarity of the PME signal.
When set, the PME output is an active high signal. When reset, it is active
low. When PME is configured as an open-drain output this field is ignored,
and the output is always active low.
R/W
NASR
0b
1
PME Enable (PME_EN). When set, this bit enables the external PME signal.
This bit does not affect the PME interrupt (PME_INT).
R/W
0b
0
Device Ready (READY). When set, this bit indicates that LAN9220 is ready
to be accessed. This register can be read when LAN9220 is in any power
management mode. Upon waking from any power management mode,
including power-up, the host processor can interrogate this field as an
indication when LAN9220 has stabilized and is fully alive. Reads and writes
of any other address are invalid until this bit is set.
Note:
With the exception of HW_CFG and PMT_CTRL, read access to
any internal resources is forbidden while the READY bit is cleared.
Note:
On power-up, this bit can be polled to indicate when a valid soft
reset (SRST) can be performed.
RO
-
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com