Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 17 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 17 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 13Page - Microchip Technology LAN9220 Datasheet HTML 14Page - Microchip Technology LAN9220 Datasheet HTML 15Page - Microchip Technology LAN9220 Datasheet HTML 16Page - Microchip Technology LAN9220 Datasheet HTML 17Page - Microchip Technology LAN9220 Datasheet HTML 18Page - Microchip Technology LAN9220 Datasheet HTML 19Page - Microchip Technology LAN9220 Datasheet HTML 20Page - Microchip Technology LAN9220 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 17
LAN9220
3.3
Address Filtering Functional Description
The Ethernet address fields of an Ethernet Packet, consists of two 6-byte fields: one for the destination address and
one for the source address. The first bit of the destination address signifies whether it is a physical address or a multicast
address.
The LAN9220 address check logic filters the frame based on the Ethernet receive filter mode that has been enabled.
Filter modes are specified based on the state of the control bits in Table 3-1, "Address Filtering Modes", which shows
the various filtering modes used by the Ethernet MAC Function. These bits are defined in more detail in the “MAC Con-
trol Register”. Please refer to Section 5.4.1, "MAC_CR—MAC Control Register" for more information on this register.
If the frame fails the filter, the Ethernet MAC function does not receive the packet. The host has the option of accepting
or ignoring the packet.
FIGURE 3-1:
VLAN FRAME
TABLE 3-1:
ADDRESS FILTERING MODES
MCPAS
PRMS
INVFILT
HO
HPFILT
Description
0
0
0
0
0
MAC address perfect filtering only
for all addresses.
0
0
0
0
1
MAC address perfect filtering for
physical address and hash filtering
for multicast addresses
0
0
0
1
1
Hash Filtering for physical and
multicast addresses
0
0
1
0
0
Inverse Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com