Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 19 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 19 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 15Page - Microchip Technology LAN9220 Datasheet HTML 16Page - Microchip Technology LAN9220 Datasheet HTML 17Page - Microchip Technology LAN9220 Datasheet HTML 18Page - Microchip Technology LAN9220 Datasheet HTML 19Page - Microchip Technology LAN9220 Datasheet HTML 20Page - Microchip Technology LAN9220 Datasheet HTML 21Page - Microchip Technology LAN9220 Datasheet HTML 22Page - Microchip Technology LAN9220 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 19
LAN9220
The MAC supports four programmable filters that support many different receive packet patterns. If remote wake-up
mode is enabled, the remote wake-up function receives all frames addressed to the MAC. It then checks each frame
against the enabled filter and recognizes the frame as a remote wake-up frame if it passes the wakeup frame filter reg-
ister’s address filtering and CRC value match.
In order to determine which bytes of the frames should be checked by the CRC module, the MAC uses a programmable
byte mask and a programmable pattern offset for each of the four supported filters.
The pattern’s offset defines the location of the first byte that should be checked in the frame. Since the destination
address is checked by the address filtering Function, the pattern offset is always greater than 12.
The byte mask is a 31-bit field that specifies whether or not each of the 31 contiguous bytes within the frame, beginning
in the pattern offset, should be checked. If bit j in the byte mask is set, the detection logic checks byte offset +j in the
frame. In order to load the Wake-up Frame Filter register, the host LAN driver software must perform eight writes to the
Wake-up Frame Filter register (WUFF). The Diagram shown in Table 3-2, "Wake-Up Frame Filter Register Structure"
below, shows the wake-up frame filter register’s structure.
Note 3-1
Wake-up frame detection can be performed when the LAN9220 is in the D0 or D1 power states. In
the D0 state, wake-up frame detection is enabled when the WUEN bit is set.
Note 3-2
Wake-up frame detection, as well as Magic Packet detection, is always enabled and cannot be
disabled when the device enters the D1 state.
Note 3-3
When wake-up frame detection is enabled via the WUEN bit of the WUCSR—Wake-up Control and
Status Register, a broadcast wake-up frame will wake-up the device despite the state of the Disable
Broadcast Frame (BCAST) bit in the MAC_CR—MAC Control Register.
The Filter i Byte Mask defines which incoming frame bytes Filter i will examine to determine whether or not this is a
wake-up frame. Table 3-3, describes the byte mask’s bit fields.
The Filter i command register controls Filter i operation. Table 3-4 shows the Filter I command register.
TABLE 3-2:
WAKE-UP FRAME FILTER REGISTER STRUCTURE
Filter 0 Byte Mask
Filter 1 Byte Mask
Filter 2 Byte Mask
Filter 3 Byte Mask
Reserved
Filter 3
Command
Reserved
Filter 2
Command
Reserved
Filter 1
Command
Reserved
Filter 0
Command
Filter 3 Offset
Filter 2 Offset
Filter 1Offset
Filter 0 Offset
Filter 1 CRC-16
Filter 0 CRC-16
Filter 3 CRC-16
Filter 2 CRC-16
TABLE 3-3:
FILTER I BYTE MASK BIT DEFINITIONS
Filter i Byte Mask Description
Field
Description
31
Must be zero (0)
30:0
Byte Mask: If bit j of the byte mask is set, the CRC machine processes byte number pattern - (offset
+ j) of the incoming frame. Otherwise, byte pattern - (offset + j) is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com