Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 94 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 94 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 90Page - Microchip Technology LAN9220 Datasheet HTML 91Page - Microchip Technology LAN9220 Datasheet HTML 92Page - Microchip Technology LAN9220 Datasheet HTML 93Page - Microchip Technology LAN9220 Datasheet HTML 94Page - Microchip Technology LAN9220 Datasheet HTML 95Page - Microchip Technology LAN9220 Datasheet HTML 96Page - Microchip Technology LAN9220 Datasheet HTML 97Page - Microchip Technology LAN9220 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 142 page
background image
LAN9220
DS00002417A-page 94
 2006-2017 Microchip Technology Inc.
13
Hash/Perfect Filtering Mode (HPFILT). When reset (0), the LAN9220 will implement a perfect
address filter on incoming frames according the address specified in the MAC address register.
When set (1), the address check Function does imperfect address filtering of multicast incoming
frames according to the hash table specified in the multicast hash table register.
If the Hash Only Filtering mode (HO) bit is set (1), then the physical (IA) are imperfect filtered too. If
the Hash Only Filtering mode (HO) bit is reset (0), then the IA addresses are perfect address filtered
according to the MAC Address register
12
Late Collision Control (LCOLL). When set, enables retransmission of the collided frame even after
the collision period (late collision). When reset, the MAC disables frame transmission on a late
collision. In any case, the Late Collision status is appropriately updated in the Transmit Packet status.
11
Disable Broadcast Frames (BCAST). When set, disables the reception of broadcast frames. When
reset, forwards all broadcast frames to the application.
Note:
When wake-up frame detection is enabled via the WUEN bit of the WUCSR—Wake-up Con-
trol and Status Register, a broadcast wake-up frame will wake-up the device despite the
state of this bit.
10
Disable Retry (DISRTY). When set, the MAC attempts only one transmission. When a collision is
seen on the bus, the MAC ignores the current frame and goes to the next frame and a retry error is
reported in the Transmit status. When reset, the MAC attempts 16 transmissions before signaling a
retry error.
9
Reserved
8
Automatic Pad Stripping (PADSTR). When set, the MAC strips the pad field on all incoming frames,
if the length field is less than 46 bytes. The FCS field is also stripped, since it is computed at the
transmitting station based on the data and pad field characters, and is invalid for a received frame
that has had the pad characters stripped. Receive frames with a 46-byte or greater length field are
passed to the Application unmodified (FCS is not stripped). When reset, the MAC passes all incoming
frames to the host unmodified.
Note:
When PADSTR is enabled, the RX Checksum Offload Engine must be disabled (bit 0
(RXCOE_EN) of the COE_CR—Checksum Offload Engine Control Register) and vice versa.
These functions cannot be enabled simultaneously.
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com