Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 4 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 4 Page - Microchip Technology

  LAN9220 Datasheet HTML 1Page - Microchip Technology LAN9220 Datasheet HTML 2Page - Microchip Technology LAN9220 Datasheet HTML 3Page - Microchip Technology LAN9220 Datasheet HTML 4Page - Microchip Technology LAN9220 Datasheet HTML 5Page - Microchip Technology LAN9220 Datasheet HTML 6Page - Microchip Technology LAN9220 Datasheet HTML 7Page - Microchip Technology LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 142 page
background image
LAN9220
DS00002417A-page 4
 2006-2017 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The LAN9220 is a full-featured, single-chip 10/100 Ethernet controller designed for embedded applications where per-
formance, flexibility, ease of integration and system cost control are required. The LAN9220 is fully IEEE 802.3
10BASE-T and 802.3u 100BASE-TX compliant, and supports HP Auto-MDIX. The variable voltage I/O signals of the
LAN9220 accommodate lower voltage I/O signalling without the need for voltage level shifters.
The LAN9220 includes an integrated Ethernet MAC and PHY with a high-performance SRAM-like slave interface. The
simple, yet highly functional host bus interface provides a glue-less connection to most common 16-bit microprocessors
and microcontrollers as well as 32-bit microprocessors with a 16-bit external bus. The integrated checksum offload
engines enable the automatic generation of the 16-bit checksum for received and transmitted Ethernet frames, offload-
ing the task from the CPU. The LAN9220 also includes large transmit and receive data FIFOs to accommodate high
latency applications. In addition, the LAN9220 memory buffer architecture allows highly efficient use of memory
resources by optimizing packet granularity.
Applications
The LAN9220 is well suited for many embedded applications, including:
• Printers, kiosks, POS terminals and security systems
• Audio distribution systems
• General embedded systems
• Basic cable, satellite and IP set-top boxes
• Voice-over-IP solutions
The LAN9220 also supports features which reduce or eliminate packet loss. Its internal 16-KByte SRAM can hold over
200 received packets. If the receive FIFO gets too full, the LAN9220 can automatically generate flow control packets to
the remote node, or assert back-pressure on the remote node by generating network collisions.
The LAN9220 supports numerous power management and wakeup features. The LAN9220 can be placed in a reduced
power mode and can be programmed to issue an external wake signal via several methods, including “Magic Packet”,
“Wake on LAN” and “Link Status Change”. This signal is ideal for triggering system power-up using remote Ethernet
wakeup events. The device can be removed from the low power state via a host processor command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com