Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 21 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 21 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 17Page - Microchip Technology LAN9220 Datasheet HTML 18Page - Microchip Technology LAN9220 Datasheet HTML 19Page - Microchip Technology LAN9220 Datasheet HTML 20Page - Microchip Technology LAN9220 Datasheet HTML 21Page - Microchip Technology LAN9220 Datasheet HTML 22Page - Microchip Technology LAN9220 Datasheet HTML 23Page - Microchip Technology LAN9220 Datasheet HTML 24Page - Microchip Technology LAN9220 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 21
LAN9220
In Magic Packet mode, the Power Management Logic constantly monitors each frame addressed to the node for a spe-
cific Magic Packet pattern. It checks only packets with the MAC’s address or a broadcast address to meet the Magic
Packet requirement. The Power Management Logic checks each received frame for the pattern 48h
FF_FF_FF_FF_FF_FF after the destination and source address field.
Then the Function looks in the frame for 16 repetitions of the MAC address without any breaks or interruptions. In case
of a break in the 16 address repetitions, the PMT Function scans for the 48'hFF_FF_FF_FF_FF_FF pattern again in the
incoming frame.
The 16 repetitions may be anywhere in the frame but must be preceded by the synchronization stream. The device will
also accept a multicast frame, as long as it detects the 16 duplications of the MAC address. If the MAC address of a
node is 00h 11h 22h 33h 44h 55h, then the MAC scans for the following data sequence in an Ethernet: Frame.
Destination Address Source Address ……………FF FF FF FF FF FF
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55 00 11 22 33 44 55
…CRC
It should be noted that Magic Packet detection can be performed when LAN9220 is in the D0 or D1 power states. In the
D0 state, “Magic Packet” detection is enabled when the MPEN bit is set. In the D1 state, Magic Packet detection, as
well as wake-up frame detection, are automatically enabled when the device enters the D1 state.
3.6
Checksum Offload Engines (COE)
The LAN9220 contains two checksum offload engines, which offload the calculation of the 16-bit checksum for trans-
mitted and received Ethernet frames. The functionality of the checksum offload engines is described in the following
sections:
• Receive Checksum Offload Engine (RXCOE)
• Transmit Checksum Offload Engine (TXCOE)
3.6.1
RECEIVE CHECKSUM OFFLOAD ENGINE (RXCOE)
The receive checksum offload engine provides assistance to the CPU by calculating a 16-bit checksum for a received
Ethernet frame. The RXCOE readily supports the following IEEE802.3 frame formats:
• Type II Ethernet frames
• SNAP encapsulated frames
• Support for up to 2, 802.1q VLAN tags
The resulting checksum value can also be modified by software to support other frame formats.
The RXCOE has two modes of operation. In mode 0, the RXCOE calculates the checksum between the first 14 bytes
of the Ethernet frame and the FCS. This is illustrated in Figure 3-2.
FIGURE 3-2:
RXCOE CHECKSUM CALCULATION
DST
SRC
T
Y
P
E
Frame Data
F
C
S
Calculate Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com