Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 76 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 76 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 72Page - Microchip Technology LAN9220 Datasheet HTML 73Page - Microchip Technology LAN9220 Datasheet HTML 74Page - Microchip Technology LAN9220 Datasheet HTML 75Page - Microchip Technology LAN9220 Datasheet HTML 76Page - Microchip Technology LAN9220 Datasheet HTML 77Page - Microchip Technology LAN9220 Datasheet HTML 78Page - Microchip Technology LAN9220 Datasheet HTML 79Page - Microchip Technology LAN9220 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 142 page
background image
LAN9220
DS00002417A-page 76
 2006-2017 Microchip Technology Inc.
5.3.9
HW_CFG—HARDWARE CONFIGURATION REGISTER
Offset:
74h
Size:
32 bits
Note:
The transmitter and receiver must be stopped before writing to this register. Refer to Section 3.12.8, "Stop-
ping and Starting the Transmitter," on page 51 and Section 3.13.4, "Stopping and Starting the Receiver,"
on page 56 for details on stopping the transmitter and receiver.
Bits
Description
Type
Default
31
Reserved
RO
-
30
Reserved
RO
-
29
FIFO Port Endian Ordering (FPORTEND). This control bit determines the
endianess of RX and TX data FIFO host accesses when accessed through
the RX/TX Data FIFO ports, including the alias addresses (any access from
00h to 3Ch). When this bit is cleared, data FIFO port accesses utilize little
endian byte ordering. When this bit is set, data FIFO port accesses utilize
big endian byte ordering. Please refer to section Section 3.7.3, "Mixed
Endian Support," on page 26 for more information on this feature.
R/W
NASR
0
28
Direct FIFO Access Endian Ordering (FSELEND). This control bit
determines the endianess of RX and TX data FIFO host accesses when
accessed using the FIFO_SEL signal. When this bit is cleared, FIFO_SEL
accesses utilize little endian byte ordering. When this bit is set, FIFO_SEL
accesses utilize big endian byte ordering. Please refer to section Section
3.7.3, "Mixed Endian Support," on page 26 for more information on this
feature.
R/W
NASR
0
27-25
Reserved
RO
-
24
AMDIX_EN Strap State. This read-only bit reflects the state of the
AMDIX_EN strap pin (pin 73). This pin can be overridden by PHY Registers
27.15 and 27.13
RO
AMDIX
Strap
Pin
23-21
Reserved
RO
20
Must Be One (MBO). This bit must be set to “1” for normal device
operation.
R/W
0
16-19
TX FIFO Size (TX_FIF_SZ). Sets the size of the TX FIFOs in 1KB values
to a maximum of 14KB. The TX Status FIFO consumes 512 bytes of the
space allocated by TX_FIF_SIZ, and the TX data FIFO consumes the
remaining space specified by TX_FIF_SZ. The minimum size of the TX
FIFOs is 2KB (TX data and status combined). The TX data FIFO is used for
both TX data and TX commands.
The RX Status and data FIFOs consume the remaining space, which is
equal to 16KB – TX_FIF_SIZ. See Section 5.3.9.1, "Allowable settings for
Configurable FIFO Memory Allocation," on page 77 for more information.
R/W
5h
15-2
Reserved
RO
-
1
Soft Reset Timeout (SRST_TO). If a software reset is attempted when the
PHY is not in the operational state (RX_CLK and TX_CLK running), the
reset will not complete and the soft reset operation will timeout and this bit
will be set to a ‘1’. The host processor must correct the problem and issue
another soft reset.
RO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com