Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 35 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 35 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 31Page - Microchip Technology LAN9220 Datasheet HTML 32Page - Microchip Technology LAN9220 Datasheet HTML 33Page - Microchip Technology LAN9220 Datasheet HTML 34Page - Microchip Technology LAN9220 Datasheet HTML 35Page - Microchip Technology LAN9220 Datasheet HTML 36Page - Microchip Technology LAN9220 Datasheet HTML 37Page - Microchip Technology LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 35
LAN9220
Table 3-9, "Required EECLK Cycles", shown below, shows the number of EECLK cycles required for each EEPROM
operation.
3.9.2.2
MAC Address Reload
The MAC address can be reloaded from the EEPROM via a host command to the E2P_CMD register. If a value of 0xA5h
is not found in the first address of the EEPROM, the EEPROM is assumed to be un-programmed and MAC Address
Reload operation will fail. The “MAC Address Loaded” bit indicates a successful load of the MAC address. The EPC_-
LOAD bit is set after a successful reload of the MAC address.
3.9.2.3
EEPROM Command and Data Registers
Refer to Section 5.3.23, "E2P_CMD – EEPROM Command Register," on page 89 and Section 5.3.24, "E2P_DATA –
EEPROM Data Register," on page 91 for a detailed description of these registers. Supported EEPROM operations are
described in these sections.
3.9.2.4
EEPROM Timing
Refer to Section 6.11, "EEPROM Timing," on page 125 for detailed EEPROM timing specifications.
3.10
Power Management
The LAN9220 supports power-down modes to allow applications to minimize power consumption. The following sec-
tions describe these modes.
3.10.1
SYSTEM DESCRIPTION
Power is reduced to various modules by disabling the clocks as outlined in Table 3-10, “Power Management States,” on
page 37. All configuration data is saved when in either of the two low power states. Register contents are not affected
unless specifically indicated in the register description.
3.10.2
FUNCTIONAL DESCRIPTION
There is one normal operating power state, D0 and there are two power saving states: D1, and D2. Upon entry into
either of the two power saving states, only the PMT_CTRL register is accessible for read operations. In either of the
power saving states the READY bit in the PMT_CTRL register will be cleared. Reads of any other addresses are for-
bidden until the READY bit is set. All writes, with the exception of the wakeup write to BYTE_TEST, are also forbidden
until the READY bit is set. Only when in the D0 (Normal) state, when the READY bit is set, can the rest of the device be
accessed.
Note 3-4
The LAN9220 must always be read at least once after power-up, reset, or upon return from a power-
saving state, otherwise write operations will not function.
In system configurations where the PME signal is shared amongst multiple devices, the WUPS field within the PMT_C-
TRL register can be read to determine which LAN9220 device is driving the PME signal.
TABLE 3-9:
REQUIRED EECLK CYCLES
Operation
Required EECLK Cycles
ERASE
10
ERAL
10
EWDS
10
EWEN
10
READ
18
WRITE
18
WRAL
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com