Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 97 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 97 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 93Page - Microchip Technology LAN9220 Datasheet HTML 94Page - Microchip Technology LAN9220 Datasheet HTML 95Page - Microchip Technology LAN9220 Datasheet HTML 96Page - Microchip Technology LAN9220 Datasheet HTML 97Page - Microchip Technology LAN9220 Datasheet HTML 98Page - Microchip Technology LAN9220 Datasheet HTML 99Page - Microchip Technology LAN9220 Datasheet HTML 100Page - Microchip Technology LAN9220 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 97
LAN9220
Table 5-7 below illustrates the byte ordering of the ADDRL and ADDRH registers with respect to the reception of the
Ethernet physical address. Also shown is the correlation between the EEPROM addresses and ADDRL and ADDRH
registers.
As an example, if the desired Ethernet physical address is 12-34-56-78-9A-BC, the ADDRL and ADDRH registers would
be programmed as shown in Table 5-2. The values required to automatically load this configuration from the EEPROM
are also shown.
TABLE 5-7:
ADDRL, ADDRH AND EEPROM BYTE ORDERING
EEPROM Address
ADDRn
Order of Reception on Ethernet
0x01
ADDRL[7:0]
1st
0x02
ADDRL[15:8]
2nd
0x03
ADDRL[23:16]
3rd
0x04
ADDRL[31:24]
4th
0x05
ADDRH[7:0]
5th
0x06
ADDRH[15:8]
6th
FIGURE 5-2:
Example ADDRL, ADDRH and EEPROM Setup
Note:
By convention, the left most byte of the Ethernet address (in this example 0x12) is the most significant byte
and is transmitted/received first.
0x12
0
7
0x34
8
15
0x56
16
23
0x78
24
31
ADDRL
0x9A
0
7
0xBC
8
15
ADDRH
xx
16
23
xx
24
31
0xA5
0x12
0x34
0x56
0x78
0x9A
0xBC
0x00
0x01
0x02
0x03
0x04
0x05
0x06
EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com