Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 36 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 36 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 32Page - Microchip Technology LAN9220 Datasheet HTML 33Page - Microchip Technology LAN9220 Datasheet HTML 34Page - Microchip Technology LAN9220 Datasheet HTML 35Page - Microchip Technology LAN9220 Datasheet HTML 36Page - Microchip Technology LAN9220 Datasheet HTML 37Page - Microchip Technology LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 142 page
background image
LAN9220
DS00002417A-page 36
 2006-2017 Microchip Technology Inc.
When the LAN9220 is in a power saving state (D1 or D2), a write cycle to the BYTE_TEST register will return the
LAN9220 to the D0 state. Table 7-2, “Power Consumption Device and System Components,” on page 128 and Table 7-
2, “Power Consumption Device and System Components,” on page 128, shows the power consumption values for each
power state.
Note 3-5
When the LAN9220 is in a power saving state, a write of any data to the BYTE_TEST register will
wake-up the device. DO NOT PERFORM WRITES TO OTHER ADDRRESSES while the READY bit
in the PMT_CTRL register is cleared.
3.10.2.1
D1 Sleep
Power consumption is reduced in this state by disabling clocks to portions of the internal logic as shown in Table 3-10.
In this mode the clock to the internal PHY and portions of the MAC are still operational. This state is entered when the
host writes a '01' to the PM_MODE bits in the Power Management (PMT_CTRL) register. The READY bit in PMT_CTRL
is cleared when entering the D1 state.
Wake-up frame and Magic Packet detection are automatically enabled in the D1 state. If properly enabled via the
WOL_EN and PME_EN bits, the LAN9220 will assert the PME hardware signal upon the detection of the wake-up frame
or magic packet. The LAN9220 can also assert the host interrupt (IRQ) on detection of a wake-up frame or magic packet.
Upon detection, the WUPS field in PMT_CTRL will be set to a 10b.
Note 3-6
The PME interrupt status bit (PME_INT) in the INT_STS register is set regardless of the setting of
PME_EN.
Note 3-7
Wake-up frame and Magic Packet detection is automatically enabled when entering the D1 state. For
wake-up frame detection, the wake-up frame filter must be programmed before entering the D1 state
(see Section 3.5, "Wake-up Frame Detection," on page 18). If used, the host interrupt and PME signal
must be enabled prior to entering the D1 state.
A write to the BYTE_TEST register, regardless of whether a wake-up frame or Magic Packet was detected, will return
LAN9220 to the D0 state and will reset the PM_MODE field to the D0 state. As noted above, the host is required to check
the READY bit and verify that it is set before attempting any other reads or writes of the device.
Note 3-8
The host must only perform read accesses prior to the ready bit being set.
Once the READY bit is set, the LAN9220 is ready to resume normal operation. At this time the WUPS field can be
cleared.
3.10.2.2
D2 Sleep
In this state, as shown in Table 3-10, all clocks to the MAC and host bus are disabled and the PHY is placed in a reduced
power state. To enter this state, the EDPWRDOWN bit in register 17 of the PHY (Mode Control/Status register) must be
set. This places the PHY in the Energy Detect mode. The PM_MODE bits in the PMT_CTRL register must then be set
to 10b. Upon setting the PM_MODE bits, the LAN9220 will enter the D2 sleep state. The READY bit in PMT_CTRL is
cleared when entering the D2 state.
Note 3-9
If carrier is present when this state is entered detection will occur immediately.
If properly enabled via the ED_EN and PME_EN bits, the LAN9220 will assert the PME hardware signal upon detection
of a valid carrier. Upon detection, the WUPS field in PMT_CTRL will be set to a 01b.
Note 3-10
The PME interrupt status bit on the INT_STS register (PME_INT) is set regardless of the setting of
PME_EN.
A write to the BYTE_TEST register, regardless of whether a carrier was detected, will return the LAN9220 to the D0
state and will reset the PM_MODE field to the D0 state. As noted above, the host is required to check the READY bit
and verify that it is set before attempting any other reads or writes of the device. Before the LAN9220 is fully awake from
this state the EDPWRDOWN bit in register 17 of the PHY must be cleared in order to wake the PHY. Do not attempt to
clear the EDPWRDOWN bit until the READY bit is set. After clearing the EDPWRDOWN bit the LAN9220 is ready to
resume normal operation. At this time the WUPS field can be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com