Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 13 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 13 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 9Page - Microchip Technology LAN9220 Datasheet HTML 10Page - Microchip Technology LAN9220 Datasheet HTML 11Page - Microchip Technology LAN9220 Datasheet HTML 12Page - Microchip Technology LAN9220 Datasheet HTML 13Page - Microchip Technology LAN9220 Datasheet HTML 14Page - Microchip Technology LAN9220 Datasheet HTML 15Page - Microchip Technology LAN9220 Datasheet HTML 16Page - Microchip Technology LAN9220 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 13
LAN9220
+3.3V Regulator
Power Supply
VDD33REG
P
1
+3.3V power supply for internal +1.8V regulator.
+3.3V Analog
Power
VDD33A
P
3
+3.3V analog power supply pins.
+1.8V Analog
Power
VDD18A
P
1
+1.8V analog power supply pin. This pin must
be connected externally to VDD18CORE.
Core Voltage
Decoupling
VDD18CORE
P
2
+1.8 V from internal core regulator. Both pins
must be connected together externally. Each
pin requires a 0.01uF decoupling capacitor. In
addition, pin 2 requires a bulk 4.7uF capacitor
(<2 Ohm ESR) in parallel. These pins must not
be used to supply power to other external
devices.
TABLE 2-5:
56-QFN PACKAGE PIN ASSIGNMENTS
Pin
Num
Pin Name
Pin
Num
Pin Name
Pin
Num
Pin Name
Pin
Num
Pin Name
1
VDD33REG
15
nRD
29
D6
43
IRQ
2
VDD18CORE
16
nWR
30
VDDVARIO
44
TPO-
3
GPIO0/nLED1
17
nCS
31
D5
45
TPO+
4
GPIO1/nLED2
18
VDDVARIO
32
D4
46
VDD33A
5
GPIO2/nLED3
19
D15
33
D3
47
TPI-
6
A7
20
D14
34
D2
48
TPI+
7
A6
21
D13
35
D1
49
VDD33A
8
A5
22
D12
36
D0
50
EXRES
9
A4
23
D11
37
VDD18CORE
51
VDD33A
10
A3
24
VDDVARIO
38
EEDIO/GPO3
52
AMDIX_EN
11
A2
25
D10
39
EECS
53
VDD18A
12
A1
26
D9
40
EECLK/GPO4
54
XTAL2
13
FIFO_SEL
27
D8
41
PME
55
XTAL1/CLKIN
14
TEST
28
D7
42
nRESET
56
VDDVARIO
EXPOSED PAD
MUST BE CONNECTED TO VSS
TABLE 2-4:
SYSTEM AND POWER SIGNALS (CONTINUED)
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com