Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 11 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 11 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 7Page - Microchip Technology LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology LAN9220 Datasheet HTML 10Page - Microchip Technology LAN9220 Datasheet HTML 11Page - Microchip Technology LAN9220 Datasheet HTML 12Page - Microchip Technology LAN9220 Datasheet HTML 13Page - Microchip Technology LAN9220 Datasheet HTML 14Page - Microchip Technology LAN9220 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 11
LAN9220
TABLE 2-4:
SYSTEM AND POWER SIGNALS
Name
Symbol
Buffer
Type
# Pins
Description
Crystal 1, Clock In
XTAL1/CLKIN
lCLK
1
External 25MHz Crystal Input. This pin can also
be connected to single-ended TTL oscillator
(CLKIN). If this method is implemented, XTAL2
should be left unconnected.
Crystal 2
XTAL2
OCLK
1
External 25MHz Crystal output.
Reset
nRESET
VIS
(PU)
1
Active-low reset input. Resets all logic and
registers within the LAN9220. This signal is
pulled high with a weak internal pull-up resistor.
Note:
The LAN9220 must be reset on
power-up via nRESET or following
power-up via a soft reset (SRST).
The LAN9220 must always be read
at least once after reset, or upon
return from a power-saving state or
write operations will not function.
See Section 3.11, "Detailed Reset
Description," on page 39 for addi-
tional information
Note:
When
operating
at
reduced
VDDVARIO voltage levels (less than
3.0V), this pin must be pulled-high to
a valid level with an external resistor
or must be driven as an input. Refer
to
Section
2.2,
"External
Pull-
Up/Pull-Down Resistors" for more
information.
Wakeup Indicator
PME
VO8/
VOD8
1
When programmed to do so, is asserted when
the LAN9220 detects a wake event and is
requesting the system to wake up from the
associated sleep state. The polarity and buffer
type of this signal is programmable.
Note:
Detection of a Power Management
Event, and assertion of the PME sig-
nal will not wakeup the LAN9220.
The LAN9220 will only wake up
when it detects a host write cycle
(assertion
of
nCS
and
nWR).
Although any write to the LAN9220,
regardless of the data written, will
wake-up the device when it is in a
power-saving mode, it is required
that the BYTE_TEST register be
used for this purpose.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com