Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 45 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 45 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 41Page - Microchip Technology LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology LAN9220 Datasheet HTML 44Page - Microchip Technology LAN9220 Datasheet HTML 45Page - Microchip Technology LAN9220 Datasheet HTML 46Page - Microchip Technology LAN9220 Datasheet HTML 47Page - Microchip Technology LAN9220 Datasheet HTML 48Page - Microchip Technology LAN9220 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 45
LAN9220
The MIL operates in store-and-forward mode and has specific rules with respect to fragmented packets. The total space
consumed in the TX FIFO (MIL) must be limited to no more than 2KB - 3 DWORDs (2,036 bytes total). Any transmit
packet that is so highly fragmented that it takes more space than this must be un-fragmented (by copying to a driver-
supplied buffer) before the transmit packet can be sent to the LAN9220.
One approach to determine whether a packet is too fragmented is to calculate the actual amount of space that it will
consume, and check it against 2,036 bytes. Another approach is to check the number of buffers against a worst-case
limit of 86 (see explanation below).
3.12.3.2
Calculating Worst-Case TX FIFO (MIL) Usage
The actual space consumed by a buffer in the MIL TX FIFO consists only of any partial DWORD offsets in the first/last
DWORD of the buffer, plus all of the whole DWORDs in between. Any whole DWORD offsets and/or alignments are
stripped off before the buffer is loaded into the TX Data FIFO, and TX command words are stripped off before the buffer
is written to the MIL TX FIFO, so none of those DWORDs count as space consumed. The worst-case overhead for a
TX buffer is 6 bytes, which assumes that it started on the high byte of a DWORD and ended on the low byte of a
DWORD. A TX packet consisting of 86 such fragments would have an overhead of 516 bytes (6 * 86) which, when added
to a 1514-byte max-size transmit packet (1516 bytes, rounded up to the next whole DWORD), would give a total space
consumption of 2,032 bytes, leaving 4 bytes to spare; this is the basis for the "86 fragment" rule mentioned above.
3.12.4
TX STATUS FORMAT
TX status is passed to the host CPU through a separate FIFO mechanism. A status word is returned for each packet
transmitted. Data transmission is suspended if the TX status FIFO becomes full. Data transmission will resume when
the host reads the TX status and there is room in the FIFO for more “TX Status” data.
The host can optionally choose to not read the TX status. The host can optionally ignore the TX status by setting the
“TX Status Discard Allow Overrun Enable” (TXSAO) bit in the TX Configuration Register (TX_CFG). If this option is cho-
sen TX status will not be written to the FIFO. Setting this bit high allows the transmitter to continue operation with a full
TX status FIFO. In this mode the status information is still available in the TX status FIFO, and TX status interrupts still
function. In the case of an overrun, the TXSUSED counter will stay at zero and no further TX status will be written to the
TX status FIFO until the host frees space by reading TX status. If TXSAO is enabled, a TXE error will not be generated
if the TX status FIFO overruns. In this mode the host is responsible for re-synchronizing TX status in the case of an
overrun.
Bits
Description
31:16
Packet TAG. Unique identifier written by the host into the Packet Tag field of the TX command ‘B’
word. This field can be used by the host to correlate TX status words with the associated TX packets.
15
Error Status (ES). When set, this bit indicates that the Ethernet controller has reported an error. This
bit is the logical OR of bits 11, 10, 9, 8, 2, 1 in this status word.
14:12
Reserved. These bits are reserved. Always write zeros to this field to provide future compatibility.
11
Loss of Carrier. When set, this bit indicates the loss of carrier during transmission.
10
No Carrier. When set, this bit indicates that the carrier signal from the transceiver was not present
during transmission.
Note:
During 10/100 Mbps full-duplex transmission, the value of this bit is invalid and should be
ignored.
9
Late Collision. When set, indicates that the packet transmission was aborted after the collision
window of 64 bytes.
8
Excessive Collisions. When set, this bit indicates that the transmission was aborted after 16
collisions while attempting to transmit the current packet.
7
Reserved. This bit is reserved. Always write zeros to this field to provide future compatibility.
6:3
Collision Count. This counter indicates the number of collisions that occurred before the packet was
transmitted. It is not valid when excessive collisions (bit 8) is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com