Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 36Page - Microchip Technology LAN9220 Datasheet HTML 37Page - Microchip Technology LAN9220 Datasheet HTML 38Page - Microchip Technology LAN9220 Datasheet HTML 39Page - Microchip Technology LAN9220 Datasheet HTML 40Page - Microchip Technology LAN9220 Datasheet HTML 41Page - Microchip Technology LAN9220 Datasheet HTML 42Page - Microchip Technology LAN9220 Datasheet HTML 43Page - Microchip Technology LAN9220 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 142 page
background image
LAN9220
DS00002417A-page 40
 2006-2017 Microchip Technology Inc.
3.11.2
RESUME RESET TIMING
After issuing a write to the BYTE_TEST register to wake the LAN9220 from a power-down state, the READY bit in
PMT_CTRL will assert (set High) within 2ms.
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) within 2 ms. If
the software driver polls this bit and it is not set within 100ms, then an error condition
occurred.
3.11.3
SOFT RESET (SRST)
Soft reset is initiated by writing a ‘1’ to bit 0 of the HW_CFG register (SRST). This self-clearing bit will return to ‘0’ after
approximately 2
s, at which time the Soft Reset is complete. Soft reset does not clear control register bits marked as
NASR. Following power-on, a soft reset must not be performed until the READY bit in the PMT_CTRL register has been
set.
APPLICATION NOTE: Under normal conditions, the READY bit in PMT_CTRL will be set (high -”1”) immediately,
(within 2
s). If the software driver polls this bit and it is not set within 100ms, then an error
condition occurred.
3.11.4
PHY RESET TIMING
The following sections specify the operation and time required for the internal PHY to become operational after various
resets or when returning from the reduced power state.
3.11.4.1
PHY Soft Reset via PMT_CTRL bit 10 (PHY_RST)
The PHY soft reset is initiated by writing a ‘1’ to bit 10 of the PMT_CTRL register (PHY_RST). This self-clearing bit will
return to ‘0’ after approximately 100
s, at which time the PHY reset is complete.
3.11.4.2
PHY Soft Reset via PHY Basic Control Register (PHY Reg. 0.15)
The PHY Reg. 0.15 Soft Reset is initiated by writing a ‘1’ to bit 15 of the PHY’s Basic Control Register. This self-clearing
bit will return to ‘0’ at which time the PHY reset is complete.
3.12
TX Data Path Operation
Data is queued for transmission by writing it into the TX data FIFO. Each packet to be transmitted may be divided among
multiple buffers. Each buffer starts with a two DWORD TX command (TX command ‘A’ and TX command ‘B’). The TX
command instructs the LAN9220 on the handling of the associated buffer. Packet boundaries are delineated using con-
trol bits within the TX command.
The host provides a 16-bit Packet Tag field in the TX command. The Packet Tag value is appended to the corresponding
TX status DWORD. All Packet Tag fields must have the same value for all buffers in a given packet. If tags differ between
buffers in the same packet the TXE error will be asserted. Any value may be chosen for a Packet Tag as long as all tags
in the same Packet are identical. Packet Tags also provide a method of synchronization between transmitted packets
and their associated status. Software can use unique Packet Tags to assist with validating matching status completions.
Note 3-14
The use of packet tags is not required by the hardware. This is a software LAN driver only application
example for use of this field.
A Packet Length field in the TX command specifies the number of bytes in the associated packet. All Packet Length
fields must have the same value for all buffers in a given packet. Hardware compares the Packet Length field and the
actual amount of data received by the Ethernet controller. If the actual packet length count does not match the Packet
Length field as defined in the TX command, the Transmitter Error (TXE) flag is asserted.
The LAN9220 can be programmed to start payload transmission of a buffer on a byte boundary by setting the “Data
Start Offset” field in the TX command. The “Data Start Offset” field points to the actual start of the payload data within
the first 8 DWORDs of the buffer. Data before the “Data Start Offset” pointer will be ignored. When a packet is split into
multiple buffers, each successive buffer may begin on any arbitrary byte.
The LAN9220 can be programmed to strip padding from the end of a transmit packet in the event that the end of the
packet does not align with the host burst boundary. This feature is necessary when the LAN9220 is operating in a system
that always performs multi-word bursts. In such cases the LAN9220 must ensure that it can accept data in multiples of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com