Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 33 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 33 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 29Page - Microchip Technology LAN9220 Datasheet HTML 30Page - Microchip Technology LAN9220 Datasheet HTML 31Page - Microchip Technology LAN9220 Datasheet HTML 32Page - Microchip Technology LAN9220 Datasheet HTML 33Page - Microchip Technology LAN9220 Datasheet HTML 34Page - Microchip Technology LAN9220 Datasheet HTML 35Page - Microchip Technology LAN9220 Datasheet HTML 36Page - Microchip Technology LAN9220 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 33
LAN9220
EWEN (Erase/Write Enable): Enables the EEPROM for erase and write operations. The EEPROM will allow erase and
write operations until the “Erase/Write Disable” command is sent, or until power is cycled.
READ (Read Location): This command will cause a read of the EEPROM location pointed to by EPC Address
(EPC_ADDR). The result of the read is available in the E2P_DATA register.
Note:
The EEPROM device will power-up in the erase/write-disabled state. Any erase or write operations will fail
until an Erase/Write Enable command is issued.
FIGURE 3-14:
EEPROM EWEN CYCLE
FIGURE 3-15:
EEPROM READ CYCLE
0
EECLK
EEDIO (INPUT)
EEDIO (OUTPUT)
EECS
10
11
t
CSL
1
10
A6
EECS
EECLK
EEDIO (OUTPUT)
A0
D7
D0
EEDIO (INPUT)
t
CSL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com