Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 12 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 12 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 8Page - Microchip Technology LAN9220 Datasheet HTML 9Page - Microchip Technology LAN9220 Datasheet HTML 10Page - Microchip Technology LAN9220 Datasheet HTML 11Page - Microchip Technology LAN9220 Datasheet HTML 12Page - Microchip Technology LAN9220 Datasheet HTML 13Page - Microchip Technology LAN9220 Datasheet HTML 14Page - Microchip Technology LAN9220 Datasheet HTML 15Page - Microchip Technology LAN9220 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 142 page
background image
LAN9220
DS00002417A-page 12
 2006-2017 Microchip Technology Inc.
Auto-MDIX Enable
AMDIX_EN
VIS
(PU)
1
Enables Auto-MDIX. Pull high or leave
unconnected to enable Auto-MDIX, pull low to
disable Auto-MDIX.
Note:
When
operating
at
reduced
VDDVARIO voltage levels (less than
3.0V), this pin must be pulled to a
valid level with an external resistor.
Refer to Section 2.2, "External Pull-
Up/Pull-Down Resistors" for more
information.
Test
TEST
VIS
(PD)
1
Reserved for internal test purposes only.
Note:
When
operating
at
a
reduced
VDDVARIO voltage (less than 3.0V),
this pin must be connected to ground
or pulled-low with an external resis-
tor. When VDDVARIO = 3.3V, this
pin may be left unconnected. Refer
to
Section
2.2,
"External
Pull-
Up/Pull-Down Resistors" for more
information.
General Purpose
I/O data,
nLED1 (Speed
Indicator),
nLED2 (Link &
Activity Indicator),
nLED3 (Full-
Duplex
Indicator).
GPIO[2:0]/
nLED[3:1]
VIS/
VO12/
VOD12
3
General Purpose I/O data: These three
general-purpose signals are fully programmable
as either push-pull output, open-drain output or
input by writing the GPIO_CFG configuration
register in the CSR’s. They are also multiplexed
as GP LED connections.
GPIO signals are Schmitt-triggered inputs.
When configured as LED outputs these signals
are open-drain.
nLED1 (Speed Indicator). This signal is driven
low when the operating speed is 100Mb. During
auto-negotiation, when the cable is
disconnected, and during 10Mbs operation, this
signal is driven high.
nLED2 (Link & Activity Indicator). This signal
is driven low (LED on) when the LAN9220
detects a valid link. This signal is pulsed high
(LED off) for 80mS whenever transmit or
receive activity is detected. This signal is then
driven low again for a minimum of 80mS, after
which time it will repeat the process if TX or RX
activity is detected. Effectively, LED2 is
activated solid for a link. When transmit or
receive activity is sensed LED2 will flash as an
activity indicator.
nLED3 (Full-Duplex Indicator). This signal is
driven low when the link is operating in full-
duplex mode.
Variable Voltage
I/O Power
VDDVARIO
P
4
Variable Voltage I/O logic power supply pins.
Refer to Section 7.2, "Operating Conditions**,"
on page 126 for additional details.
Common Ground
VSS
P
1 pad
Common Ground
TABLE 2-4:
SYSTEM AND POWER SIGNALS (CONTINUED)
Name
Symbol
Buffer
Type
# Pins
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com