Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 58Page - Microchip Technology LAN9220 Datasheet HTML 59Page - Microchip Technology LAN9220 Datasheet HTML 60Page - Microchip Technology LAN9220 Datasheet HTML 61Page - Microchip Technology LAN9220 Datasheet HTML 62Page - Microchip Technology LAN9220 Datasheet HTML 63Page - Microchip Technology LAN9220 Datasheet HTML 64Page - Microchip Technology LAN9220 Datasheet HTML 65Page - Microchip Technology LAN9220 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 142 page
background image
LAN9220
DS00002417A-page 62
 2006-2017 Microchip Technology Inc.
4.5.3
JABBER DETECTION
Jabber is a condition in which a station transmits for a period of time longer than the maximum permissible packet length,
usually due to a fault condition, that results in holding the TX_EN input for a long period. Special logic is used to detect
the jabber state and abort the transmission to the line, within 45ms. Once TX_EN is deasserted, the logic resets the
jabber condition.
4.6
Auto-negotiation
The purpose of the Auto-negotiation function is to automatically configure the PHY to the optimum link parameters
based on the capabilities of its link partner. Auto-negotiation is a mechanism for exchanging configuration information
between two link-partners and automatically selecting the highest performance mode of operation supported by both
sides. Auto-negotiation is fully defined in clause 28 of the IEEE 802.3 specification.
Once auto-negotiation has completed, information about the resolved link can be passed back to the controller via the
internal Serial Management Interface (SMI). The results of the negotiation process are reflected in the Speed Indication
bits in register 31, as well as the Link Partner Ability Register (Register 5).
The auto-negotiation protocol is a purely physical layer activity and proceeds independently of the MAC controller.
The advertised capabilities of the PHY are stored in register 4 of the SMI registers. The default advertised by the PHY
is determined by user-defined on-chip signal options.
The following blocks are activated during an Auto-negotiation session:
• Auto-negotiation (digital)
• 100M ADC (analog)
• 100M PLL (analog)
• 100M equalizer/BLW/clock recovery (DSP)
• 10M SQUELCH (analog)
• 10M PLL (analog)
• 10M Transmitter (analog)
When enabled, auto-negotiation is started by the occurrence of one of the following events:
• Hardware reset
• Software reset
• Power-down reset
• Link status down
• Setting register 0, bit 9 high (auto-negotiation restart)
On detection of one of these events, the PHY begins auto-negotiation by transmitting bursts of Fast Link Pulses (FLP).
These are bursts of link pulses from the 10M transmitter. They are shaped as Normal Link Pulses and can pass uncor-
rupted down CAT-3 or CAT-5 cable. A Fast Link Pulse Burst consists of up to 33 pulses. The 17 odd-numbered pulses,
which are always present, frame the FLP burst. The 16 even-numbered pulses, which may be present or absent, contain
the data word being transmitted. Presence of a data pulse represents a “1”, while absence represents a “0”.
The data transmitted by an FLP burst is known as a “Link Code Word.” These are defined fully in IEEE 802.3 clause 28.
In summary, the PHY advertises 802.3 compliance in its selector field (the first 5 bits of the Link Code Word). It adver-
tises its technology ability according to the bits set in register 4 of the SMI registers.
There are 4 possible matches of the technology abilities. In the order of priority these are:
• 100M full-duplex (Highest priority)
• 100M half-duplex
• 10M full-duplex
• 10M half-duplex
If the full capabilities of the PHY are advertised (100M, full-duplex), and if the link partner is capable of 10M and 100M,
then auto-negotiation selects 100M as the highest performance mode. If the link partner is capable of half and full-duplex
modes, then auto-negotiation selects full-duplex as the highest performance operation.
Once a capability match has been determined, the link code words are repeated with the acknowledge bit set. Any dif-
ference in the main content of the link code words at this time will cause auto-negotiation to re-start. Auto-negotiation
will also re-start if not all of the required FLP bursts are received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com