Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 55 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 55 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 51Page - Microchip Technology LAN9220 Datasheet HTML 52Page - Microchip Technology LAN9220 Datasheet HTML 53Page - Microchip Technology LAN9220 Datasheet HTML 54Page - Microchip Technology LAN9220 Datasheet HTML 55Page - Microchip Technology LAN9220 Datasheet HTML 56Page - Microchip Technology LAN9220 Datasheet HTML 57Page - Microchip Technology LAN9220 Datasheet HTML 58Page - Microchip Technology LAN9220 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 142 page
background image
 2006-2017 Microchip Technology Inc.
DS00002417A-page 55
LAN9220
3.13.3
RX STATUS FORMAT
FIGURE 3-27:
RX PACKET FORMAT WITH RX CHECKSUM
Bits
Description
31
Reserved. This bit is reserved. Reads 0.
30
Filtering Fail. When set, this bit indicates that the associated frame failed the address recognizing
filtering.
29:16
Packet Length. The size, in bytes, of the corresponding received frame.
15
Error Status (ES). When set this bit indicates that the MIL has reported an error. This bit is the
Internal logical “or” of bits 11,7,6 and 1.
14
Reserved. These bits are reserved. Reads 0.
13
Broadcast Frame. When set, this bit indicates that the received frame has a Broadcast address.
12
Length Error (LE). When set, this bit indicates that the actual length does not match with the
length/type field of the received frame.
11
Runt Frame. When set, this bit indicates that frame was prematurely terminated before the collision
window (64 bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit MAC_CR
Bit [16] is set.
10
Multicast Frame. When set, this bit indicates that the received frame has a Multicast address.
9:8
Reserved. These bits are reserved. Reads 0.
ofs + First Data DWORD
.
.
.
.
Last Data DWORD
0
31
Host Read
Order
1st
2nd
Last
Optional Pad DWORD0
.
.
Optional Pad DWORDn
Optional offset DWORD0
.
.
Optional offset DWORDn
RX
Checksum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com